Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P102-10SC Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # P102-10SC
Description  Low Skew Output Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P102-10SC Datasheet(HTML) 6 Page - PhaseLink Corporation

  P102-10SC Datasheet HTML 1Page - PhaseLink Corporation P102-10SC Datasheet HTML 2Page - PhaseLink Corporation P102-10SC Datasheet HTML 3Page - PhaseLink Corporation P102-10SC Datasheet HTML 4Page - PhaseLink Corporation P102-10SC Datasheet HTML 5Page - PhaseLink Corporation P102-10SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL102-10
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 03/17/05 Page 6
PACKAGE INFORMATION
SOIC 8L
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
Dimension in MM
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL102-10 S C
Order Number
Marking
Package Option
PLL102-10SC-R
P102-10SC
SOIC - Tape and Reel
PLL102-10SC
P102-10SC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SOICI
C
L
A2
E
H
D
A1
e
b
A


Similar Part No. - P102-10SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P102-03SC PLL-P102-03SC Datasheet
206Kb / 6P
   Low Skew Output Buffer
P102-03SCL PLL-P102-03SCL Datasheet
206Kb / 6P
   Low Skew Output Buffer
P102-04SC PLL-P102-04SC Datasheet
236Kb / 6P
   Low Skew Output Buffer
P102-04SCL PLL-P102-04SCL Datasheet
236Kb / 6P
   Low Skew Output Buffer
P102-05SC PLL-P102-05SC Datasheet
222Kb / 6P
   Low Skew Output Buffer
More results

Similar Description - P102-10SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
   Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
   Low Skew Output Buffer
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
   Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
   Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
logo
Micrel Semiconductor
PL102-10 MICREL-PL102-10 Datasheet
287Kb / 7P
   Low Skew Output Buffer
logo
Integrated Circuit Syst...
ICS9112-28 ICST-ICS9112-28 Datasheet
87Kb / 3P
   Low Skew Output Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com