Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL102-108 Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PLL102-108
Description  Programmable DDR Zero Delay Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-108 Datasheet(HTML) 9 Page - PhaseLink Corporation

Back Button PLL102-108 Datasheet HTML 2Page - PhaseLink Corporation PLL102-108 Datasheet HTML 3Page - PhaseLink Corporation PLL102-108 Datasheet HTML 4Page - PhaseLink Corporation PLL102-108 Datasheet HTML 5Page - PhaseLink Corporation PLL102-108 Datasheet HTML 6Page - PhaseLink Corporation PLL102-108 Datasheet HTML 7Page - PhaseLink Corporation PLL102-108 Datasheet HTML 8Page - PhaseLink Corporation PLL102-108 Datasheet HTML 9Page - PhaseLink Corporation PLL102-108 Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PLL102-108
Programmable DDR Zero Delay Clock Driver
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/29/02 Page 9
3. Recommended Operating Conditions
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Output supply voltage
VCC
2.3
2.5
2.7
V
Analog Supply voltage
ACC
2.3
2.5
2.7
V
High level input voltage
VIH
0.7 x VCC
V
Low level input voltage
VIL
0.3 x VCC
V
Operating free-air temperature
TA
0
70
°C
4. Timing requirements
SYMBOL
PARAMETERS
MIN.
MAX.
UNITS
FCLK
Input clock frequency
66
266
MHz
DIN
Input clock duty cycle
40
60
%
TS
Stabilization time after power up
0.1
ms
5. Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Low to high level propagation
delay time
TPLH
CLK_INT to any output
0
High to low level propagation
delay time
TPHL
CLK_INT to any output
0
ns
66MHz
120
Jitter (peak to peak)
Tp-p
100/133/200/266MHz
75
ps
66MHz
110
Jitter (cycle to cycle)
Tcyc-cyc
100/133/200/266MHz
65
ps
Phase error
t(phase error)
-150
150
Output to output skew
Toskew
100
Pulse skew
Tpskew
All differential input and output
terminals are terminated with
120
Ω/16pF
100
ps
66MHz to 100MHz
49.5
50.5
Duty Cycle
DT
101MHz to 266MHz
49
51
%
Rise time, Fall time
tr, tf
Load = 120
Ω/16pF
650
800
950
ps


Similar Part No. - PLL102-108

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-10 PLL-PLL102-10 Datasheet
180Kb / 6P
   Low Skew Output Buffer
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XC PLL-PLL102-109XC Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XI PLL-PLL102-109XI Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XM PLL-PLL102-109XM Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
More results

Similar Description - PLL102-108

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
   Zero Delay SDR/DDR Clock Buffer
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com