Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021D Datasheet(PDF) 6 Page - Texas Instruments

Part # TLE2021D
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2021D Datasheet HTML 2Page - Texas Instruments TLE2021D Datasheet HTML 3Page - Texas Instruments TLE2021D Datasheet HTML 4Page - Texas Instruments TLE2021D Datasheet HTML 5Page - Texas Instruments TLE2021D Datasheet HTML 6Page - Texas Instruments TLE2021D Datasheet HTML 7Page - Texas Instruments TLE2021D Datasheet HTML 8Page - Texas Instruments TLE2021D Datasheet HTML 9Page - Texas Instruments TLE2021D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLE202xQ1, TLE202xAQ1
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS199A − JANUARY 2004 − REVISED APRIL 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2021 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2021-Q1
TLE2021A-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
120
500
80
300
V
VIO
Input offset voltage
Full range
700
450
µV
αVIO
Temperature
coefficient of input
offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.006
0.006
µV/mo
IIO
Input offset current
25
°C
0.2
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
nA
IIB
Input bias current
25
°C
25
70
25
70
nA
IIB
Input bias current
Full range
90
90
nA
VICR
Common-mode input
RS = 50 Ω
25
°C
−15
to
13.5
−15.3
to
14
−15
to
13.5
−15.3
to
14
V
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
−15
to
13.2
−15
to
13.2
V
VOM +
Maximum positive
peak output voltage
25
°C
14
14.3
14
14.3
V
VOM +
peak output voltage
swing
RL = 10 kΩ
Full range
13.8
13.8
V
VOM −
Maximum negative
peak output voltage
RL = 10 kΩ
25
°C
−13.7
−14.1
−13.7
−14.1
V
VOM −
peak output voltage
swing
Full range
−13.6
−13.6
V
AVD
Large-signal
differential voltage
VO = ± 10 V,
RL = 10 kΩ
25
°C
1
6.5
1
6.5
V/ V
AVD
differential voltage
amplification
VO = ± 10 V,
RL = 10 kΩ
Full range
0.5
0.5
V/
µV
CMRR
Common-mode
VIC = VICRmin,
RS = 50 Ω
25
°C
100
115
100
115
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
96
96
dB
kSVR
Supply-voltage
rejection ratio
VCC = ±2.5 V to ± 15 V
25
°C
105
120
105
120
dB
kSVR
rejection ratio
(
∆VCC±/∆VIO)
VCC ± = ±2.5 V to ±15 V
Full range
100
100
dB
ICC
Supply current
25
°C
200
350
200
350
A
ICC
Supply current
Full range
350
350
µA
∆ICC
Supply current
change over
operating temperature
range
VO = 0,
No load
Full range
10
10
µA
† Full range is −40°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLE2021D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021 TI-TLE2021 Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021 TI1-TLE2021 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-Q1 TI1-TLE2021-Q1 Datasheet
722Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X TI-TLE202X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024BM TI1-TLE2024BM Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com