Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL103-02D Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL103-02D
Description  DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-02D Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL103-02D Datasheet HTML 1Page - PhaseLink Corporation PLL103-02D Datasheet HTML 2Page - PhaseLink Corporation PLL103-02D Datasheet HTML 3Page - PhaseLink Corporation PLL103-02D Datasheet HTML 4Page - PhaseLink Corporation PLL103-02D Datasheet HTML 5Page - PhaseLink Corporation PLL103-02D Datasheet HTML 6Page - PhaseLink Corporation PLL103-02D Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL103-02 Rev.D
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/11/01 Page 3
I2C BUS CONFIGURATION SETTING
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
_
Slave
Receiver/Transmitter
Provides both slave write and readback functionality
Data Transfer Rate
Standard mode at 100kbits/s
Data Protocol
This serial protocol is designed to allow both blocks write and read from the controller. The
bytes must be accessed in sequential order from lowest to highest byte. Each byte transferred
must be followed by 1 acknowledge bit. A byte transferred without acknowledged bit will
terminate the transfer. The write or read block both begins with the master sending a slave
address and a write condition (0xD2) or a read condition (0xD3).
Following the acknowledge of this address byte, in
Write Mode: the Command Byte and Byte
Count Byte must be sent by the master but ignored by the slave, in Read Mode: the Byte
Count Byte will be read by the master then all other Data Byte. Byte Count Byte default at
power-up is = (0x09).
I2C CONTROL REGISTERS
1. BYTE 6: Outputs Register (1=Enable, 0=Disable)
Bit
Pin#
Default
Description
Bit 7
48
1
Reserved
Bit 6
-
0
Reserved
Bit 5
-
0
Enhanced DDR Drive. 1 = Enhanced 25%
Bit 4
-
0
Reserved
Bit 3
45, 44
1
DDR11T, DDR11C
Bit 2
43, 42
1
DDR10T, DDR10C
Bit 1
39, 38
1
DDR9T, DDR9C
Bit 0
34, 33
1
DDR8T, DDR8C


Similar Part No. - PLL103-02D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02XC ETC1-PLL103-02XC Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02XC PLL-PLL103-02XC Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-02XC-R PLL-PLL103-02XC-R Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-02D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318ANZPVC-11 CYPRESS-CY2318ANZPVC-11 Datasheet
184Kb / 9P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
logo
PhaseLink Corporation
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com