Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5308NK Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN5308NK
Description  Single chip IC for color TV Built-in I2C bus interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5308NK Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN5308NK Datasheet HTML 5Page - Panasonic Semiconductor AN5308NK Datasheet HTML 6Page - Panasonic Semiconductor AN5308NK Datasheet HTML 7Page - Panasonic Semiconductor AN5308NK Datasheet HTML 8Page - Panasonic Semiconductor AN5308NK Datasheet HTML 9Page - Panasonic Semiconductor AN5308NK Datasheet HTML 10Page - Panasonic Semiconductor AN5308NK Datasheet HTML 11Page - Panasonic Semiconductor AN5308NK Datasheet HTML 12Page - Panasonic Semiconductor AN5308NK Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ICs for TV
AN5308NK
9
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Horizontal signal processing (continued)
F.B.P slice level (blanking)
VFBP−1
0.7
V
F.B.P slice level (AFC1)
VFBP−2
2.5
V
F.B.P delay time range
TH−FBP
H-center: typ. From HOUT rising

19
µs
edge to FBP center
B.G.P start position
From H. sync. rear edge to burst
0.3
µs
gate pulse front edge
Sandcastle pulse output temperature
∆V
60(Ta)
1.8
 mV/deg
characteristics
Sandcastle pulse input threshold
∆V
59(Ta)
0
 mV/deg
level temperature characteristics
F.B.P input threshold level
∆V
61(Ta)
−1.8
 mV/deg
temperature characteristics (HBLK)
F.B.P input threshold level
1
 mV/deg
temperature characteristics (AFC1)
X-ray inside reference temperature
Zener temperature characteristics:
0
 mV/deg
characteristics
+1.8 mV/deg
Sandcastle pulse output vs. supply
VCC2: 5 V ± 0.5 V
1
V/V
voltage dependence (BGP)
Sandcastle pulse output vs. supply
VCC2: 5 V ± 0.5 V
0.74
V/V
voltage (HBLK)
Sandcastle pulse output vs. supply
VCC2: 5 V ± 0.5 V
0.44
V/V
voltage (VBLK)
Hold down operation voltage
VHTH
VREF (= pin 6) = 6.2 V
2.71
2.81
2.91
V
Vertical signal processing
Vertical BLK phase (wide)
PVBLK(W) Period from VBLK rising edge to
3.87
ms
vertical sync. falling edge
Vertical BLK phase (normal)
PVBLK
Period from VBLK rising edge to
0.2
ms
vertical sync. falling edge
Neck break operation pin 60 voltage
V60
Pin 6: 1.5 V
1.5

V
Vertical BLK pulse width (wide)
TVBLK(W)
5.05
ms
Y-signal processing
Contrast variable range
AyG(CON)min Contrast: min.
40
dB
Y-output amplitude VCC dependence
∆y
G(VCC)
0.4
dB/V
Y-output DC voltage VCC dependence ∆yG(V
CC)
0.18
V/V
Y-noise level
VYNL
750
mV
Delay line dynamic range
VDLmax
0.7
V
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data (continued)
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.


Similar Part No. - AN5308NK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5301 ETC2-AN5301 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN5302 ETC2-AN5302 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
List of Unclassifed Man...
AN5302K ETC2-AN5302K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5303K PANASONIC-AN5303K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
More results

Similar Description - AN5308NK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1268N TOSHIBA-TA1268N Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSE 1CHIP COLOR TV IC
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NTE Electronics
NTE7149 NTE-NTE7149 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com