Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7842MX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN7842MX
Description  Half Bridge Gate Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7842MX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN7842MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7842MX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
FAN7842 Rev.1.0.0
Typical Performance Characteristics (Continued)
Figure 19. High Level Output Voltage vs. Supply
Voltage
Figure 20. High Level Output Voltage vs. Temp.
Figure 21. Low Level Output Voltage vs. Supply
Voltage
Figure 22. Low Level Output Voltage vs. Temp.
Figure 23. Input Bias Current vs. Supply Voltage
Figure 24. Input Bias Current vs. Temp.
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
-40
-20
0
204060
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
-40
-20
0
204060
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
4
6
8
10
12
14
16
Temperature [°C]
HIN
LIN
HIN=LIN=5V
-40
-20
0
20
40
60
80
100
120
4
6
8
10
12
14
16
Temperature [°C]
HIN
LIN
HIN=LIN=5V


Similar Part No. - FAN7842MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7842MX FAIRCHILD-FAN7842MX Datasheet
364Kb / 13P
   High and Low Side Gate Driver
logo
ON Semiconductor
FAN7842MX ONSEMI-FAN7842MX Datasheet
323Kb / 14P
   High- and Low-Side Gate Driver
August 2016 Rev. 1.5
More results

Similar Description - FAN7842MX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com