Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1523BB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1523BB
Description  Dual 1 Form B Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1523BB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1523BB Datasheet HTML 1Page - Vishay Siliconix LH1523BB Datasheet HTML 2Page - Vishay Siliconix LH1523BB Datasheet HTML 3Page - Vishay Siliconix LH1523BB Datasheet HTML 4Page - Vishay Siliconix LH1523BB Datasheet HTML 5Page - Vishay Siliconix LH1523BB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LH1523BB/ BAC/ BACTR
Document Number 83822
Rev. 1.3, 01-Dec-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Package Dimensions in Inches (mm)
Figure 1. Recommended Operating Conditions
ilh1523bb_00
90
0
50
150
120
30
-40
-20
0
2040
6080
Ambient Temperature (°C)
5.0 mA
i178017
.380 (9.65)
.318 (8.08)
.100 (2.54)
.360 (9.14)
.250 (6.35)
.018 (.46)
6-.031 (6-.80) Dia.
.100 (2.54)
.300 (7.62)
.300 (7.62)
.250 (6.35)
.285 (7.24)Typ.
.130 (3.30)
.300 (7.62)
.360 (9.14)Typ.
DIP
ISOMethodA


Similar Part No. - LH1523BB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
More results

Similar Description - LH1523BB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com