Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3576SA150BQ Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V3576SA150BQ
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3576SA150BQ Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V3576SA150BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V3576SA150BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.42
IDT71V3576, IDT71V3578, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
5
Pin Configuration – 128K x 36
TQFP
Top View
NOTES:
1. Pin 14 can either be directly connected to VDD, or connected to an input voltage
≥ VIH, or left unconnected.
2. Pin 64 can be left unconnected and the device will always remain in active mode.
100 99989796 95 94939291 90
8786858483 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
5279 drw 02
VDD /NC(1)
I/O15
I/OP3
NC
I/OP4
I/OP1
NC
I/OP2
ZZ(2)
,


Similar Part No. - IDT71V3576SA150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S_15 Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V3576SA150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com