Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUO100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUO100
Description  Three Phase Rectifier Bridge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO100 Datasheet(HTML) 1 Page - IXYS Corporation

  VUO100 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
V
RSM
V
RRM
Types
V
V
800
800
VUO 100-08NO7
1200
1200
VUO 100-12NO7
1400
1400
VUO 100-14NO7
1600
1600
VUO 100-16NO7
Symbol
Test Conditions
Maximum Ratings
I
dAV
x
T
C = 100°C, module
100
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1100
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
700
A
V
R = 0
t = 8.3 ms (60 Hz), sine
750
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
5000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
5020
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2450
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2330
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M5)
5 ± 15 %
Nm
(10-32 UNF)
44 ± 15 %
lb.in.
Weight
typ.
110
g
I
dAV
= 100 A
V
RRM = 800-1600 V
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
£
0.5
mA
V
R
= V
RRM;TVJ = TVJM
£
10
mA
V
F
I
F
= 150 A;
T
VJ = 25°C
£
1.4
V
V
T0
For power-loss calculations only
0.8
V
r
T
5m
W
R
thJC
per diode; DC current
1.12
K/W
per module
0.28
K/W
R
thJH
per diode, DC current
1.5
K/W
per module
0.375
K/W
d
S
Creeping distance on surface
16.1
mm
d
A
Creepage distance in air
7.5
mm
a
Max. allowable acceleration
50
m/s2
Features
• Package with copper base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• ¼" fast-on power terminals
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
Dimensions in mm (1 mm = 0.0394")
Preliminary data
Data according to IEC 60747 refer to a single diode unless otherwise stated
x for resistive load at bridge output. IXYS reserves the right to change limits, test conditions and dimensions.
VUO 100
Three Phase
Rectifier Bridge
C
D
E
B
A


Similar Part No. - VUO100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO105 IXYS-VUO105 Datasheet
76Kb / 2P
   Three Phase Rectifier Bridge
VUO105-12NO7 IXYS-VUO105-12NO7 Datasheet
76Kb / 2P
   Three Phase Rectifier Bridge
VUO105-14NO7 IXYS-VUO105-14NO7 Datasheet
76Kb / 2P
   Three Phase Rectifier Bridge
VUO105-16NO7 IXYS-VUO105-16NO7 Datasheet
76Kb / 2P
   Three Phase Rectifier Bridge
VUO105-18NO7 IXYS-VUO105-18NO7 Datasheet
76Kb / 2P
   Three Phase Rectifier Bridge
More results

Similar Description - VUO100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
   Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
   Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A_15 Datasheet
100Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
   THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
   Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com