Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3578SA150BQ Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V3578SA150BQ
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3578SA150BQ Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V3578SA150BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V3578SA150BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
JUNE 2003
DSC-5279/03
1
©2003 Integrated Device Technology, Inc.
Features
x
x
x
x
x
128K x 36, 256K x 18 memory configurations
x
x
x
x
x
Supports high system speed:
Commercial and Industrial:
– 150MHz 3.8ns clock access time
– 133MHz 4.2ns clock access time
x
x
x
x
x
LBO input selects interleaved or linear burst mode
x
x
x
x
x
Self-timed write cycle with global write control (
GW),bytewrite
enable (
BWE), and byte writes (BWx)
x
x
x
x
x
3.3V core power supply
x
x
x
x
x
Power down controlled by ZZ input
x
x
x
x
x
3.3V I/O
x
x
x
x
x
Optional - Boundary Scan JTAG Interface (IEEE 1149.1
compliant)
x
x
x
x
x
Packaged in a JEDEC Standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch ball
grid array (fBGA)
Description
The IDT71V3576/78 are high-speed SRAMs organized as
128K x 36/256K x 18. The IDT71V3576/78 SRAMs contain write, data,
addressandcontrolregisters. InternallogicallowstheSRAMtogenerate
a self-timed write based upon a decision which can be left until the end of
the write cycle.
The burst mode feature offers the highest level of performance to the
system designer, as the IDT71V3576/78 can provide four cycles of data
for a single address presented to the SRAM. An internal burst address
counter accepts the first cycle address from the processor, initiating the
access sequence. The first cycle of output data will be pipelined for one
cycle before it is available on the next rising clock edge. If burst mode
operationisselected(
ADV=LOW),thesubsequentthreecyclesofoutput
data will be available to the user on the next three rising clock edges. The
order of these three addresses are defined by the internal burst counter
and the
LBO input pin.
The IDT71V3576/78 SRAMs utilize IDT’s latest high-performance
CMOS process and are packaged in a JEDEC standard 14mm x 20mm
100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array
(BGA) and a 165 fine pitch ball grid array (fBGA).
Pin Description Summary
NOTE:
1.
BW3 and BW4 are not applicable for the IDT71V3578.
A0-A17
Address Inputs
Input
Synchronous
CE
Chip Enable
Input
Synchronous
CS0,
CS1
Chip Selects
Input
Synchronous
OE
Output Enable
Input
Asynchronous
GW
Global Write Enable
Input
Synchronous
BWE
Byte Write Enable
Input
Synchronous
BW1, BW2, BW3, BW4(1)
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV
Burst Address Advance
Input
Synchronous
ADSC
Address Status (Cache Controller)
Input
Synchronous
ADSP
Address Status (Processor)
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
DC
TMS
Test Mode Select
Input
Synchronous
TDI
Test Data Input
Input
Synchronous
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
Synchronous
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
N/A
VSS
Ground
Supply
N/A
5279 tbl 01
128K x 36, 256K x 18
3.3V Synchronous SRAMs
3.3V I/O, Pipelined Outputs
Burst Counter, Single Cycle Deselect
IDT71V3576S
IDT71V3578S
IDT71V3576SA
IDT71V3578SA


Similar Part No. - IDT71V3578SA150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3578S IDT-IDT71V3578S Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V3578SA150BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com