Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9169-12CX Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9169-12CX
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-12CX Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9169-12CX Datasheet HTML 4Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 5Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 6Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 7Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 8Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 9Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 10Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 11Page - Richtek Technology Corporation RT9169-12CX Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9169
Preliminary
www.richtek-ic.com.tw
DS9169-02 October 2001
8
Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
3.175
4.191
0.125
0.165
A1
1.143
1.372
0.045
0.054
b
0.406
0.533
0.016
0.021
C
0.406
0.533
0.016
0.021
D
4.445
5.207
0.175
0.205
D1
3.429
--
0.135
--
E
4.318
5.334
0.170
0.210
e
1.143
1.397
0.045
0.055
L
12.700
--
0.500
--
3-Lead TO-92 Package
b
e
e
D
E
L
A1
D1
C
A


Similar Part No. - RT9169-12CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-12GB RICHTEK-RT9169-12GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GV RICHTEK-RT9169-12GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GVL RICHTEK-RT9169-12GVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GX RICHTEK-RT9169-12GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-12GZL RICHTEK-RT9169-12GZL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-12CX

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com