Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4077B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4077B
Description  QUAD EXCLUSIVE NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4077B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4077B Datasheet HTML 1Page - STMicroelectronics HCF4077B Datasheet HTML 2Page - STMicroelectronics HCF4077B Datasheet HTML 3Page - STMicroelectronics HCF4077B Datasheet HTML 4Page - STMicroelectronics HCF4077B Datasheet HTML 5Page - STMicroelectronics HCF4077B Datasheet HTML 6Page - STMicroelectronics HCF4077B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCF4077B
3/7
DC SPECIFICATIONS
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Current
0/5
5
0.02
1
30
30
µA
0/10
10
0.02
2
60
60
0/15
15
0.02
4
120
120
0/20
20
0.04
20
600
600
VOH
High Level Output
Voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
<1
10
9.95
9.95
9.95
0/15
<1
15
14.95
14.95
14.95
VOL
Low Level Output
Voltage
5/0
<1
5
0.05
0.05
0.05
V
10/0
<1
10
0.05
0.05
0.05
15/0
<1
15
0.05
0.05
0.05
VIH
High Level Input
Voltage
0.5/4.5
<1
5
3.5
3.5
3.5
V
1/9
<1
10
7
7
7
1.5/13.5
<1
15
11
11
11
VIL
Low Level Input
Voltage
4.5/0.5
<1
5
1.5
1.5
1.5
V
9/1
<1
10
3
3
3
13.5/1.5
<1
15
4
4
4
IOH
Output Drive
Current
0/5
2.5
<1
5
-1.36
-3.2
-1.15
-1.1
mA
0/5
4.6
<1
5
-0.44
-1
-0.36
-0.36
0/10
9.5
<1
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
<1
15
-3.0
-6.8
-2.4
-2.4
IOL
Output Sink
Current
0/5
0.4
<1
5
0.44
1
0.36
0.36
mA
0/10
0.5
<1
10
1.1
2.6
0.9
0.9
0/15
1.5
<1
15
3.0
6.8
2.4
2.4
II
Input Leakage
Current
0/18
Any Input
18
±10-5 ±0.1
±1
±1
µA
CI
Input Capacitance
Any Input
5
7.5
pF
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
5
140
280
ns
10
65
130
15
50
100
tTLH tTHL Output Transition Time
5
100
200
ns
10
50
100
15
40
80


Similar Part No. - HCF4077B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
273Kb / 11P
   GATES
HCF4077BC1 STMICROELECTRONICS-HCF4077BC1 Datasheet
273Kb / 11P
   GATES
HCF4077BEY STMICROELECTRONICS-HCF4077BEY Datasheet
273Kb / 11P
   GATES
HCF4077BF STMICROELECTRONICS-HCF4077BF Datasheet
273Kb / 11P
   GATES
HCF4077BM1 STMICROELECTRONICS-HCF4077BM1 Datasheet
273Kb / 11P
   GATES
More results

Similar Description - HCF4077B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
   QUAD EXCLUSIVE NOR GATE
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
   Quad Exclusive NOR Gate
logo
STMicroelectronics
M54HC266 STMICROELECTRONICS-M54HC266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com