Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-27X-IX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MI-27X-IX
Description  Military DC-DC Converters 50 to 100W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MI-27X-IX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MI-27X-IX Datasheet HTML 1Page - List of Unclassifed Manufacturers MI-27X-IX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Configuration Chart
Input Voltage
Nominal
Range
Transient
2 =
28V
18 – 50V
(1)
60V
5 = 155V
100 – 210V
230V
6 = 270V
125 – 400V
(2)
475V
7 = 165V
100 – 310V
MI - 2
-
Semi-custom driver and booster
modules available: Consult factory.
(1) 16V operation at 75% load.
(2) These units rated at 75%
load from 125-150Vin:
MI-26Z-xV
MI-26Y-xV
MI-260-xW
28Vdc input per MIL-STD 704D/E
155Vdc input per DOD-STD-1399A
270Vdc input per MIL-STD-704D/E
Product Grade Specifications
+0.030 (0,76)
-0.000 (0)
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
Pin #
1
2
3
4
5
6*
7*
8*
9
Function
+In
Gate In
Gate Out
-In
+Out
+Sense
Trim
-Sense
-Out
* Do not connect on
Booster modules
Aluminum Base
.01
0.040 (1,0) Dia (7) places
Solder plate
over copper alloy
0.080 (2,0) Dia (2) places
Solder plate
over copper alloy
0.30
±0.015
(7,6)
±(0,38)
1.80
(45,7)
4.20
0.50
0.22
(5,6) MIN
0.12
4.60
2.40
1.75
0.30
0.15
(3,8)
2.10
(53,3)
0.40
(10,2)
0.35
±0.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
3.60
MI-200 Mechanical Drawing
0.50
(12,7)
0.15
(3,8)
MI-200
(116,8)
(91,4)
(3,0)
(7,6)Min
(12,7)
(61,0)
(44,5)
(106,7)
*Test data available for review or download from vicorpower.com
Mechanical Drawing
Output Power/Current
≥5V
<5V
Y
=
50W
10A
X
=
75W
15A
W
=
100W
20A
V=
o
30A
For additional power, 100W and 75W booster
modules available. Change MI-2xx-xx to MI-Bxx-xx.
Product Grade
Operating Temp.
I
=
-40°C to +85°C
M
=
-55°C to +85°C
PARAMETER
PRODUCT GRADE
I - Grade
M - Grade
Storage temperature
-55°C to +100°C
-65°C to +100°C
Operating temperature (baseplate)
-40°C to +85°C
-55°C to +85°C
Power cycling burn-in
12 hours, 25 cycles
96 hours, 200 cycles
Temperature cycled with power off
48 hours, 12-16 cycles
48 hours, 12-16 cycles
-55°C to +100°C
-65°C to +100°C
Test data supplied at these temperatures*
-40°C, +80°C
-55°C, +80°C
Warranty
2 years
2 years
Environmental compliance
MIL-STD-810
MIL-STD-810
Derating
NAVMAT P-4855-1A
NAVMAT P-4855-1A
Output Voltage
Z = 2V
T = 6.5V
N = 18.5V
Y = 3.3V
R = 7.5V
3 = 24V
0 = 5V
M= 10V
L = 28V
X = 5.2V
1 = 12V
J = 36V
W= 5.5V
P = 13.8V
K = 40V
V = 5.8V
2 = 15V
4 = 48V
MI-200 10/02
2 of 2


Similar Part No. - MI-27X-IX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-27X-IX VICOR-MI-27X-IX Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Powerbox
MI-27X-IX POWERBOX-MI-27X-IX Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MI-27X-IX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
Vicor Corporation
MI-J00 VICOR-MI-J00 Datasheet
86Kb / 2P
   Military DC-DC Converters 10 to 50W
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
   36-100W High Efficiency DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com