Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4077M013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4077M013TR
Description  QUAD EXCLUSIVE NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4077M013TR Datasheet(HTML) 6 Page - STMicroelectronics

  HCF4077M013TR Datasheet HTML 1Page - STMicroelectronics HCF4077M013TR Datasheet HTML 2Page - STMicroelectronics HCF4077M013TR Datasheet HTML 3Page - STMicroelectronics HCF4077M013TR Datasheet HTML 4Page - STMicroelectronics HCF4077M013TR Datasheet HTML 5Page - STMicroelectronics HCF4077M013TR Datasheet HTML 6Page - STMicroelectronics HCF4077M013TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HCF4077B
6/7
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Similar Part No. - HCF4077M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
273Kb / 11P
   GATES
HCF4077BC1 STMICROELECTRONICS-HCF4077BC1 Datasheet
273Kb / 11P
   GATES
HCF4077BEY STMICROELECTRONICS-HCF4077BEY Datasheet
273Kb / 11P
   GATES
HCF4077BF STMICROELECTRONICS-HCF4077BF Datasheet
273Kb / 11P
   GATES
HCF4077BM1 STMICROELECTRONICS-HCF4077BM1 Datasheet
273Kb / 11P
   GATES
More results

Similar Description - HCF4077M013TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
   QUAD EXCLUSIVE NOR GATE
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
   Quad Exclusive NOR Gate
logo
STMicroelectronics
M54HC266 STMICROELECTRONICS-M54HC266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com