Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2695MH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695MH
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695MH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2695MH Datasheet HTML 1Page - National Semiconductor (TI) LM2695MH Datasheet HTML 2Page - National Semiconductor (TI) LM2695MH Datasheet HTML 3Page - National Semiconductor (TI) LM2695MH Datasheet HTML 4Page - National Semiconductor (TI) LM2695MH Datasheet HTML 5Page - National Semiconductor (TI) LM2695MH Datasheet HTML 6Page - National Semiconductor (TI) LM2695MH Datasheet HTML 7Page - National Semiconductor (TI) LM2695MH Datasheet HTML 8Page - National Semiconductor (TI) LM2695MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to RTN
33V
BST to RTN
47V
SW to RTN (Steady State)
-1.5V
ESD Rating (Note 2)
Human Body Model
2kV
BST to VCC
33V
VIN to SW
33V
BST to SW
14V
VCC to RTN
14V
SGND to RTN
-0.3V to +0.3V
Current out of ISEN
See Text
SS to RTN
-0.3V to 4V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65˚C to +150˚C
JunctionTemperature
150˚C
Operating Ratings (Note 1)
VIN
8.0V to 30V
Junction Temperature
−40˚C to + 125˚C
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 24V, RON = 200k
Ω. See (Note 5).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, V
CC
V
CCReg
V
CC regulated output
6.6
7
7.4
V
V
IN-VCC dropout voltage
I
CC = 0 mA,
V
CC = UVLOVCC + 250 mV
1.3
V
V
CC output impedance
0 mA
≤ I
CC
≤ 5 mA
140
V
CC current limit (Note 3)
V
CC = 0V
9.7
mA
UVLO
VCC
V
CC under-voltage lockout
threshold
V
CC increasing
5.7
V
UVLO
VCC hysteresis
V
CC decreasing
150
mV
UVLO
VCC filter delay
100 mV overdrive
3
µs
I
IN operating current
Non-switching, FB = 3V
0.5
0.8
mA
I
IN shutdown current
RON/SD = 0V
95
200
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
I
TEST = 200 mA
0.33
0.7
UVLO
GD
Gate Drive UVLO
V
BST -VSW Increasing
3.0
4.4
5.5
V
UVLO
GD hysteresis
480
mV
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
12.3
µA
Current Limit
I
LIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to
SGND
130
m
Response time
150
ns
On Timer
t
ON - 1
On-time
V
IN = 10V, RON = 200 k
2.1
2.8
3.6
µs
t
ON - 2
On-time
V
IN = 30V, RON = 200 k
950
ns
Shutdown threshold
Voltage at RON/SD rising
0.45
0.8
1.2
V
Threshold hysteresis
Voltage at RON/SD falling
37
mV
Off Timer
t
OFF
Minimum Off-time
250
ns
Regulation and Over-Voltage Comparators (FB Pin)
V
REF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
www.national.com
4


Similar Part No. - LM2695MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695MH/NOPB TI-LM2695MH/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695MHX/NOPB TI-LM2695MHX/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM2695MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com