Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV017AXBC-70 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MX29LV017AXBC-70
Description  16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX29LV017AXBC-70 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MX29LV017AXBC-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 11Page - List of Unclassifed Manufacturers MX29LV017AXBC-70 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
P/N:PM0901
MX29LV017A
REV. 1.0, NOV. 22, 2002
Table 3-3. CFI Mode: Device Geometry Data Values
(All values in these tables are in hexadecimal)
Description
Address
Data
Device size (2N bytes)
27
15
Flash device interface code (asynchronous x 8)
28
00
29
00
Maximum number of bytes in multi-byte write (not supported)
2A
00
2B
00
Number of erase sector regions
2C
01
Erase sector region 1 information (refer to the CFI publication 100)
2D
1F
2E
00
2F
00
30
01
Erase sector region 2 information
31
00
32
00
33
00
34
00
Erase sector region 3 information
35
00
36
00
37
00
38
00
Erase sector region 4 information
39
00
3A
00
3B
00
3C
00
Table 3-4. CFI Mode: Primary Vendor-Specific Extended Query Data Values
(All values in these tables are in hexadecimal)
Description
Address
Data
Query-unique ASCII string "PRI"
40
50
41
52
42
49
Major version number, ASCII
43
31
Minor version number, ASCII
44
30
Address sensitive unlock (0=required, 1= not required)
45
01
Erase suspend (2= to read and write)
46
02
Sector protect (N= # of sectors/group)
47
01
Temporary sector unprotect (1=supported)
48
01
Sector protect/chip unprotect scheme
49
04
Simultaneous R/W operation (0=not supported)
4A
00
Burst mode type (0=not supported)
4B
00
Page mode type (0=not supported)
4C
00


Similar Part No. - MX29LV017AXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-70 MCNIX-MX29LV017BTC-70 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-70G MCNIX-MX29LV017BTC-70G Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-90 MCNIX-MX29LV017BTC-90 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-90G MCNIX-MX29LV017BTC-90G Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV017AXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
Lyontek Inc.
LY62L102616 LYONTEK-LY62L102616_17 Datasheet
715Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable ) LOW POWER CMOS SRAM
LY62L102616A LYONTEK-LY62L102616A_13 Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com