Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV033CTI-90 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MX29LV033CTI-90
Description  32M-BIT COMSEQUAL SECTOR FLASH MEMORY
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX29LV033CTI-90 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MX29LV033CTI-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 11Page - List of Unclassifed Manufacturers MX29LV033CTI-90 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
P/N:PM1189
REV. 0.02, JUL. 21, 2005
MX29LV033C
REQUIREMENTS FOR READING ARRAY DATA
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory con-
tent occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the de-
vice data outputs. The device remains enabled for read
access until the command register contents are altered.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory
, the system must drive WE# and CE# to VIL, and OE#
to VIH.
An erase operation can erase one sector, multiple sec-
tors , or the entire device. Table indicates the address
space that each sector occupies. A "sector address"
consists of the address bits required to uniquely select a
sector.The Writing specific address and data commands
or sequences into the command register initiates device
operations. Table 1 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data. Section has details on erasing a
sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the auto-select command se-
quence, the device enters the auto-select mode. The
system can then read auto-select codes from the inter-
nal register (which is separate from the memory array) on
Q7-Q0. Standard read cycle timings apply in this mode.
Refer to the Auto-select Mode and Auto-select Command
Sequence section for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The "AC
Characteristics" section contains timing specification table
and timing diagrams for write operations.
ACCELERATED PROGRAM OPERATION
The device offers accelerated program operations through
the ACC function. If the system asserts VHH on ACC
pin, the device will provide the fast programming time to
user. This function is primarily intended to allow faster
manufacturing throughput during production. Removing
VHH from the ACC pin returns the device to normal op-
eration. Note that the ACC pin must not be at VHH for
operations other than accelerated programming, or de-
vice damage may result.
STANDBY MODE
MX29LV033C can be set into Standby mode with two
different approaches. One is using both CE# and RE-
SET# pins and the other one is using RESET# pin only.
When using both pins of CE# and RESET#, a CMOS
Standby mode is achieved with both pins held at VCC ±
0.3V. Under this condition, the current consumed is less
than 0.2uA (typ.). If both of the CE# and RESET# are
held at VIH, but not within the range of VCC
± 0.3V, the
device will still be in the standby mode, but the standby
current will be larger. During Auto Algorithm operation,
VCC active current (Icc2) is required even CE# = "H"
until the operation is completed. The device can be read
with standard access time (tCE) from either of these
standby modes.
When using only RESET#, a CMOS standby mode is
achieved with RESET# input held at VSS
±0.3V, Under
this condition the current is consumed less than 1uA (typ.).
Once the RESET# pin is taken high, the device is back
to active without recovery delay.
In the standby mode the outputs are in the high imped-
ance state, independent of the OE# input.
MX29LV033C is capable to provide the Automatic
Standby Mode to restrain power consumption during read-
out of data. This mode can be used effectively with an
application requested low power consumption such as
handy terminals.
To active this mode, MX29LV033C automatically switch
themselves to low power mode when MX29LV033C ad-
dresses remain stable during access time of tACC+30ns.
It is not necessary to control CE#, WE#, and OE# on the
mode. Under the mode, the current consumed is typi-
cally 0.2uA (CMOS level).


Similar Part No. - MX29LV033CTI-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV033ATC-70 ETC1-MX29LV033ATC-70 Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV033ATC-70G ETC1-MX29LV033ATC-70G Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV033ATC-90 ETC1-MX29LV033ATC-90 Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV033ATC-90G ETC1-MX29LV033ATC-90G Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29LV033CTI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Sharp Corporation
LHF32KZ5 SHARP-LHF32KZ5 Datasheet
2Mb / 61P
   32M Flash Memory
logo
SPANSION
S29JL032H SPANSION-S29JL032H Datasheet
1Mb / 66P
   32M BIT CMOS 3.0V FLASH MEMORY
logo
Samsung semiconductor
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com