Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-38 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL620-38
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-38 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL620-38 Datasheet HTML 1Page - PhaseLink Corporation PLL620-38 Datasheet HTML 2Page - PhaseLink Corporation PLL620-38 Datasheet HTML 3Page - PhaseLink Corporation PLL620-38 Datasheet HTML 4Page - PhaseLink Corporation PLL620-38 Datasheet HTML 5Page - PhaseLink Corporation PLL620-38 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL620-38/-39
PECL and LVDS Low Phase Noise XO (for 32.5-130MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 09/15/05 Page 6
PACKAGE INFORMATION
C
L
A
E
H
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A
-
1.20
A1
0.05
0.15
B
0.19
0.30
C
0.09
0.20
D
4.90
5.10
E
4.30
4.50
H
6.40 BSC
L
0.45
0.75
e
0.65 BSC
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
"
#
#
"
$
# #
"
$
"
"
"
%
$
$
# "
"
"
$
"
"
$
$ "
"
! " #
%
"
Part / Order Number
Marking
Package Option
PLL620-3XOC
P620-3XDC
TSSOP - Tube
PLL620-3XOC-R
P620-3XSC
TSSOP (Tape and Reel)
PLL620-3XOCL
P620-3XSCL
TSSOP – Tube (GREEN)
PLL620-3XOCL-R
P620-3XSCL
TSSOP (Tape and Reel) (GREEN)


Similar Part No. - PLL620-38

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-30DC PLL-PLL620-30DC Datasheet
209Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-30DI PLL-PLL620-30DI Datasheet
209Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
More results

Similar Description - PLL620-38

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
logo
Abracon Corporation
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
   PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
PhaseLink Corporation
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
   Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com