Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P600-27TSC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # P600-27TSC
Description  Low Power 3 Outputs XO 10MHz to 52MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P600-27TSC Datasheet(HTML) 4 Page - PhaseLink Corporation

  P600-27TSC Datasheet HTML 1Page - PhaseLink Corporation P600-27TSC Datasheet HTML 2Page - PhaseLink Corporation P600-27TSC Datasheet HTML 3Page - PhaseLink Corporation P600-27TSC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary
PLL600-27T/-37T
Low Power 3 Outputs XO 10MHz to 52MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 08/12/04 Page 4
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by PhaseLink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL600-X7T S C
Order Number
Marking
Package Option
PLL600-27T SC
P600-27T SC
8 pin SOIC - Tubes
PLL600-27T SC-R
P600-27T SC
8 pin SOIC - Tape and Reel
PLL600-37T SC
P600-37T SC
8 pin SOIC - Tubes
PLL600-37T SC-R
P600-37T SC
8 pin SOIC - Tape and Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
C
L
A
8 PIN ( dimensions in mm )
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B


Similar Part No. - P600-27TSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P600-27BSC PLL-P600-27BSC Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27BSCL PLL-P600-27BSCL Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27BTC PLL-P600-27BTC Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27FSC PLL-P600-27FSC Datasheet
193Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
P600-27MSC PLL-P600-27MSC Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results

Similar Description - P600-27TSC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
PhaseLink Corporation
PLL600-27F PLL-PLL600-27F Datasheet
193Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Micrel Semiconductor
PL600-27T MICREL-PL600-27T Datasheet
358Kb / 7P
   Low Power 3 Output XO
logo
Abracon Corporation
ABV0251 ABRACON-ABV0251 Datasheet
58Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL502-51 PLL-PLL502-51 Datasheet
203Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com