Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-05 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL701-05
Description  Low EMI Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-05 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL701-05 Datasheet HTML 1Page - PhaseLink Corporation PLL701-05 Datasheet HTML 2Page - PhaseLink Corporation PLL701-05 Datasheet HTML 3Page - PhaseLink Corporation PLL701-05 Datasheet HTML 4Page - PhaseLink Corporation PLL701-05 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
PLL701-05
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/26/02 Page 2
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
Number
Type
Description
FIN
1
I
Input Clock Frequency.
S0
2
I
Digital control input to select output frequency. Has internal pull-up.
S1
3
I
Digital control input to select output frequency. Has internal pull-up.
S2
4
I
Digital control input to select output frequency. Has internal pull-down.
S3
7
I
Digital control input to select output frequency. Has internal pull-down.
VDD
8
P
3.3V Power Supply.
FOUT
6
O
Modulated Clock Frequency Output. The frequency before modulation is
synthesized by multiplying the input frequency by 1X, 2X, or 4X, depending on
S(0:3).
GND
5
P
Ground.
XTAL
OSC
FOUT
XIN
XOUT
S(0:3)
PLL
SST
Control
Logic
VDD


Similar Part No. - PLL701-05

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-02 PLL-PLL701-02 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-04 PLL-PLL701-04 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-06 PLL-PLL701-06 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-0XSC PLL-PLL701-0XSC Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-05

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-17 PLL-PLL701-17 Datasheet
209Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com