Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P601-26SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P601-26SC
Description  Audio Clock Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P601-26SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P601-26SC Datasheet HTML 1Page - PhaseLink Corporation P601-26SC Datasheet HTML 2Page - PhaseLink Corporation P601-26SC Datasheet HTML 3Page - PhaseLink Corporation P601-26SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
PLL601-26
Audio Clock Generator
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 2
PIN DESCRIPTIONS
Name
Pin #
Type
Description
XIN/FIN
1
I
27Mhz Crystal or Reference input.
VDD
2
P
Power supply connection.
GND
3
P
Ground connection.
27MHz
4
O
27MHz reference output.
ACLK
5
O
Audio clock output (see selection table on page 1).
DNC
6
I
Do Not Connect.
FSEL
7
I
On-The-Fly audio frequency Switching (selector) Input. This pin has an
internal 60 KΩ pull up resistor.
XOUT
8
I
Crystal output. Do Not Connect if reference input is used.
Notes: I – Input pin; O – Output pin; P – power supply/ground pin.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD
+0.5
V
Output Voltage Range
VO
-0.5
VDD
+0.5
V
Soldering Temperature (Green package)
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
0
+70
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent
damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the
device at these or any other conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency(XIN)
Fundamental Crystal
27
MHz
Input (FIN) Frequency
27
MHz
Input (FIN) Signal Amplitude
Internally AC coupled
0.9
VDD
Vpp
Output Rise Time
15pF Load, 10/90%VDD
2.5
3.5
ns
Output Fall Time
15pF Load, 90/10%VDD
2.5
3.5
ns
Duty Cycle
At VDD/2
45
50
55
%


Similar Part No. - P601-26SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P601-22XC PLL-P601-22XC Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
P601-22XCL PLL-P601-22XCL Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
P601-27SC PLL-P601-27SC Datasheet
181Kb / 4P
   27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
P601-27SCL PLL-P601-27SCL Datasheet
181Kb / 4P
   27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
More results

Similar Description - P601-26SC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com