Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-10 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL701-10
Description  Low EMI Spread Spectrum Multiplier IC (in Die or Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-10 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL701-10 Datasheet HTML 1Page - PhaseLink Corporation PLL701-10 Datasheet HTML 2Page - PhaseLink Corporation PLL701-10 Datasheet HTML 3Page - PhaseLink Corporation PLL701-10 Datasheet HTML 4Page - PhaseLink Corporation PLL701-10 Datasheet HTML 5Page - PhaseLink Corporation PLL701-10 Datasheet HTML 6Page - PhaseLink Corporation PLL701-10 Datasheet HTML 7Page - PhaseLink Corporation PLL701-10 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PLL701-10
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 4
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation rates
The PLL701-10 provides selectable multiplier factors (1x to 8X), selectable spread spectrum modulation, as well as
selectable modulation rate. Selection is made by connecting specific input pins to a logical “zero” or “one”. Pins 6
(SC0), 7 (SC1), 8 (SC2) and 12 (SC3) are used as inputs to select the spread spectrum modulation as shown on
the spread spectrum selection table (page 2). Pins 3 (M2), 4 (M1), 5 (M0) are used as inputs to select the output
frequency as shown on the output clock selection table (page 1). Pin 11 is the output enable pin, that tri-states all
outputs when low (logical “zero”).
In order to reduce the number of pins on the chip, the PLL701-10 uses pin 2 and 14 (XOUT/SD0 and REF/SD1) as
a bi-directional pin. The pins serve as modulation rate selector inputs (SD0 and SD1) upon power-up (see
modulation rate table on page 1), and as XOUT crystal connection (pin 2), and REF output signal (pin 14) as soon
as the inputs have been latched.
Connecting a selection pin to a logical “one”
All selection pins have an internal pull-up resistor (30k
Ω for pins 3, 4, 5, 6, 7, 8, 11, 12, 14 and 120kΩ for pin 2).
This internal pull-up resistor will pull the input value to a logical “one” (pull-up) by default, i.e. when no resistive
load is connected between the pin and GND. No external pull-up resistor is therefore required for connecting a
logical “one” upon power-up.
Connecting a selection pin to a logical “zero”
For an input only pin, i.e. all input pins except XOUT/SD0 (pin 2) and REF/SD1 (pin 14), the pin simply needs to be
grounded to pull the input down to a logical “zero”. Connecting the bi-directional pins (SD0 and SD1) to a logical
“zero” will however require the use of an external loading resistor between the pin and GND that has to be
sufficiently small (compared to the internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical
“zero”). In order to avoid loading effects when the pin serves as output, the value of the external pull-down resistor
should however be kept as large as possible. In general, it is recommended to use an external resistor of around
Rup/4 (e.g. 27k
Ω for pin 2 and 4.7kΩ for pin 14, see Application Diagram).
APPLICATION DIAGRAM FOR OUTPUT AND MODULATION SELECTION
Latch
Power Up
Reset
Jumper
options
R
up/4
Clock Load
SD0 or
SC0~SC2
XIN
EN
VDD
R
up
Bi-directional pin
R
RB
NOTE: Rup=120k
Ω for SD0 (Pin2); and Rup=30kΩ for SD1(Pin 14). R starts from 1 to 0 while RB starts from 0 to 1.
Internal to chip
External Circuitry


Similar Part No. - PLL701-10

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-11 PLL-PLL701-11 Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC PLL-PLL701-11SC Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC-R PLL-PLL701-11SC-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL PLL-PLL701-11SCL Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL-R PLL-PLL701-11SCL-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-10

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com