Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-01XILR Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL702-01XILR
Description  Clock Generator for PowerPC Based Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01XILR Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL702-01XILR Datasheet HTML 1Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 2Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 3Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 4Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 5Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 6Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 7Page - PhaseLink Corporation PLL702-01XILR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 6
Electrical Specifications
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product
reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this
specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency
14.31818
MHz
SST modulation sweep rate
28
kHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
At VDD/2
45
50
55
%
Max. output skew CPU and ASIC1
Equal loading (20 pF)
Equal frequency & drive strength
Equal Power Supply for both
ASIC and CPU
500
750
ps
Max. output skew CPU and ASIC2
Equal loading (20 pF)
Equal frequency & drive strength
Equal Power Supply for both
ASIC and CPU
200
250
ps
Max. Absolute Period Jitter
Long term, No SST
150
ps
Max. Jitter, cycle to cycle
Long term + Short term
120
ps


Similar Part No. - PLL702-01XILR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-02 PLL-PLL702-02 Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OC PLL-PLL702-02OC Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCL PLL-PLL702-02OCL Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCLR PLL-PLL702-02OCLR Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCR PLL-PLL702-02OCR Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
More results

Similar Description - PLL702-01XILR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
   Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
   245 MHz Clock Generator and Integrated Buffer for PowerPC
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PhaseLink Corporation
PLL702-06 PLL-PLL702-06 Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com