Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2812DW-HB Datasheet(PDF) 8 Page - International Rectifier

Part # AFL2812DW-HB
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2812DW-HB Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL2812DW-HB Datasheet HTML 3Page - International Rectifier AFL2812DW-HB Datasheet HTML 4Page - International Rectifier AFL2812DW-HB Datasheet HTML 5Page - International Rectifier AFL2812DW-HB Datasheet HTML 6Page - International Rectifier AFL2812DW-HB Datasheet HTML 7Page - International Rectifier AFL2812DW-HB Datasheet HTML 8Page - International Rectifier AFL2812DW-HB Datasheet HTML 9Page - International Rectifier AFL2812DW-HB Datasheet HTML 10Page - International Rectifier AFL2812DW-HB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.irf.com
AFL50XXS Series
Input Filter
Undervoltage Lockout
The AFL50XXS series converters incorporate a LC input
filter whose elements dominate the input load impedance
characteristic at turn-on. The input circuit is as shown in
Figure IV.
Figure IV. Input Filter Circuit
Output Voltage Adjust
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range.The adjustments made possible by this method
are intended as a means to “trim” the output to a voltage
setting for some particular application, but are not intended
to create an adjustable output converter. These output
voltage setting variations are obtained by connecting an
appropriate resistor value between the +sense and -sense
pins while connecting the -sense pin to the output return pin
as shown in Figure V. below. The range of adjustment and
corresponding range of resistance values can be deter-
mined by use of the following equation.
R
= 100
-
-.025
adj
NOM
OUT
NOM
V
VV
Where
V
NOM = device nominal output voltage, and
V
OUT = desired output voltage
Figure V. Connection for V
OUT Adjustment
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solv-
ing for the corresponding resistor value.
Note: R
adj must be set 500
Attempts to adjust the output voltage to a value greater than
120% of nominal should be avoided because of the poten-
tial of exceeding internal component stress ratings and
subsequent operation to failure. Under no circumstance
should the external setting resistor be made less than 500W.
By remaining within this specified range of values, com-
pletely safe operation fully within normal component derat-
ing limits is assured.
Enable 2
Share
+ Sense
- Sense
Return
+ V
out
To Load
R
ADJ
AFL50xxS
Examination of the equation relating output voltage and re-
sistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the AFL50XXS
series of converters. It is apparent that as the resistance
increases, the output voltage approaches the nominal set
value of the device. In fact the calculated limiting value of
output voltage as the adjusting resistor becomes very large
is
≈ 25mV above nominal device voltage.
The consequence is that if the +sense connection is unin-
tentionally broken, an AFL50XXS has a fail-safe output volt-
age of Vout + 25mV, where the 25mV is independent of the
nominal output voltage. It can be further demonstrated that
in the event of both the + and - sense connections being
broken, the output will be limited to Vout + 440mV. This 440
mV is also essentially constant independent of the nominal
output voltage.
0.75µ H
Pin 1
Pin 2
2.7µ fd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 26.5 ± 1.5 volts. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a hys-
teresis of approximately 2 volts is incorporated in this cir-
cuit. Thus if the input voltage droops to 24.5 ± 1.5 volts, the
converter will shut down and remain inoperative until the
input voltage returns to
≈ 25 volts.


Similar Part No. - AFL2812DW-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2812DWCH IRF-AFL2812DWCH Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWCH IRF-AFL2812DWCH Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2812DW-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com