Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-11SOM Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-11SOM
Description  96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-11SOM Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-11SOM Datasheet HTML 1Page - PhaseLink Corporation PLL502-11SOM Datasheet HTML 2Page - PhaseLink Corporation PLL502-11SOM Datasheet HTML 3Page - PhaseLink Corporation PLL502-11SOM Datasheet HTML 4Page - PhaseLink Corporation PLL502-11SOM Datasheet HTML 5Page - PhaseLink Corporation PLL502-11SOM Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
PLL502-11
96MHz – 200MHz Low Phase Noise PECL VCXO (12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 7/15/02 Page 3
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator
Frequency
FXIN
Parallel Fundamental
Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
At VIN = 1.65V
9.5
pF
Crystal Pullability
C0/C1 (xtal)
AT cut
250
-
Recommended ESR
RE
AT cut
30
Note
: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VIN = 1.65V. It is assumed that the crystal will be at nominal
frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This however may
reduce the pull range.
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 - 25MHz;
XTAL C0/C1 < 250
380
ppm
CLK output pullability
0V
≤ VCON ≤ 3.3V
±190
ppm
Linearity
5
10
%
VCXO Tuning Characteristic
115
ppm/V
VCON pin input impedance
2000
k
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note:
Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic
(with Loaded Outputs)
IDD
PECL
80
mA
Operating Voltage
VDD
3.13
3.47
V
Output Clock Duty Cycle
@ Vdd – 1.3V (PECL)
45
50
55
%
Short Circuit Current
±50
mA


Similar Part No. - PLL502-11SOM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DC PLL-PLL502-10DC Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DI PLL-PLL502-10DI Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DM PLL-PLL502-10DM Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
More results

Similar Description - PLL502-11SOM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABV0212 ABRACON-ABV0212 Datasheet
81Kb / 5P
   96MHz ??192MHz Low Phase Noise LVDS VCXO (12 ??25MHz Crystal)
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com