Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-02OCL Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL702-02OCL
Description  Low EMI Peripheral Clock Generator for Notebook & Motherboards
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-02OCL Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL702-02OCL Datasheet HTML 1Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 2Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 3Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 4Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 5Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 6Page - PhaseLink Corporation PLL702-02OCL Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PLL702-02
Low EMI Peripheral Clock Generator for Notebook & Motherboards
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/30/05 Page 5
Electrical Specifications
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product
reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this
specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
14.31818
MHz
Input Frequency (to be set via XTAL_SEL)
+/- 20ppm accuracy
24.576
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
At VDD/2
45
50
55
%
Duty Cycle 8MHz clock
At VDD/2
43
50
57
%
Max. Absolute Period Jitter
Long term, No SST
150
ps
Max. Jitter, cycle to cycle
Long term + Short term
120
ps


Similar Part No. - PLL702-02OCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XC PLL-PLL702-01XC Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XC-R PLL-PLL702-01XC-R Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XCL PLL-PLL702-01XCL Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XCLR PLL-PLL702-01XCLR Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
More results

Similar Description - PLL702-02OCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-05 PLL-PLL702-05 Datasheet
244Kb / 6P
   Low EMI Peripheral Clock Generator for Notebook
PLL702-03 PLL-PLL702-03 Datasheet
109Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook PCs
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com