Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL501-07 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL501-07
Description  VCXO Clock Generator IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-07 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL501-07 Datasheet HTML 1Page - PhaseLink Corporation PLL501-07 Datasheet HTML 2Page - PhaseLink Corporation PLL501-07 Datasheet HTML 3Page - PhaseLink Corporation PLL501-07 Datasheet HTML 4Page - PhaseLink Corporation PLL501-07 Datasheet HTML 5Page - PhaseLink Corporation PLL501-07 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL501-05/-07
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/10/01 Page 6
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL501-0x S C
PART NUMBER
TEMPERATURATRE
C=COMMERCIAL
M=MILITARY
I=INDUSTRAL
PACKAGE TYPE
S=SOIC
C
L
A
8 PIN Narrow SOIC ( mm )
SOIC
Symbol
Min.
Max.
A
1.55
1.73
A1
0.15
0.18
B
0.35
0.49
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
H
5.84
6.20
L
0.41
0.89
e
1.27 BSC
E
H
D
A
1
e
B


Similar Part No. - PLL501-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-01SC PLL-PLL501-01SC Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-01SI PLL-PLL501-01SI Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-01SM PLL-PLL501-01SM Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-03 PLL-PLL501-03 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
More results

Similar Description - PLL501-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
T73227 ETC1-T73227 Datasheet
77Kb / 5P
   27 MHz VCXO Clock Generator IC
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com