Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL501-21SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL501-21SC
Description  VCXO Clock Generator IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-21SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL501-21SC Datasheet HTML 1Page - PhaseLink Corporation PLL501-21SC Datasheet HTML 2Page - PhaseLink Corporation PLL501-21SC Datasheet HTML 3Page - PhaseLink Corporation PLL501-21SC Datasheet HTML 4Page - PhaseLink Corporation PLL501-21SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL501-21/23
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/15/01 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
7
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection
2
KV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
fXTA = 13.5MHz
Ouput load of 4pF
20
mA
Operating Voltage
VDD
3.13
3.47
V
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
ILO = 12mA
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA
VDD– 0.4
V
Operating Supply Current
IDD
No Load
7
mA
Short Circuit Current
±50
mA
VIN, VCXO Control Voltage
0
3.3
V


Similar Part No. - PLL501-21SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
PLL501-22XC PLL-PLL501-22XC Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
PLL501-22XC-R PLL-PLL501-22XC-R Datasheet
181Kb / 5P
   27MHz Multiple Output VCXO with Audio Clock
More results

Similar Description - PLL501-21SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
T73227 ETC1-T73227 Datasheet
77Kb / 5P
   27 MHz VCXO Clock Generator IC
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com