Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL500-37B Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL500-37B
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-37B Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL500-37B Datasheet HTML 1Page - PhaseLink Corporation PLL500-37B Datasheet HTML 2Page - PhaseLink Corporation PLL500-37B Datasheet HTML 3Page - PhaseLink Corporation PLL500-37B Datasheet HTML 4Page - PhaseLink Corporation PLL500-37B Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL500-27B/-37B/-47B
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/13/04 Page 3
2. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PLL500-27
27
65
PLL500-37
65
130
Input Crystal Frequency
PLL500-47
100
200
MHz
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
3.7
ns
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Short Circuit Current
±50
mA
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
XTAL C0/C1 < 250
300
ppm
CLK output pullability
0V
≤ VCON ≤ 3.3V
±150
ppm
VCXO Tuning Characteristic
100
ppm/V
Pull range linearity
5
%
Power Supply Rejection
PWSRR
Frequency change with
VDD varied +/- 10%
-1
+1
ppm
VCON pin input impedance
2000
k
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
45
kHz
Note: Preliminary Specifications still to be characterized. Parameters denoted with an asterisk (*) represent nominal characterization data and are not
production tested to any specific limits.
4. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling
between VDD and GND.
2.5
ps
Phase Noise relative to carrier
@100Hz offset
-80
dBc/Hz
Phase Noise relative to carrier
@1kHz offset
-110
dBc/Hz
Phase Noise relative to carrier
@10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
@100kHz offset
-138
dBc/Hz
Phase Noise relative to carrier
@1MHz offset
-145
dBc/Hz


Similar Part No. - PLL500-37B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-37B PLL-PLL500-37B Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-37BSC PLL-PLL500-37BSC Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-37BSCL PLL-PLL500-37BSCL Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-37BSCLR PLL-PLL500-37BSCLR Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-37BSCR PLL-PLL500-37BSCR Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
More results

Similar Description - PLL500-37B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
logo
Abracon Corporation
ABV0017B ABRACON-ABV0017B Datasheet
65Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-25 PLL-PLL502-25 Datasheet
199Kb / 4P
   Low Phase Noise VCXO (12MHz to 27MHz)
logo
Abracon Corporation
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (12MHz to 27MHz)
logo
List of Unclassifed Man...
M302E0622 ETC1-M302E0622 Datasheet
320Kb / 4P
   VCXO 200MHz to 1000MHz
logo
PhaseLink Corporation
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (27MHz to 65MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com