Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5491 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN5491
Description  Synchronous signal and deflection distortion correction processing IC supporting I2C bus for HD, wide television
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5491 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN5491 Datasheet HTML 6Page - Panasonic Semiconductor AN5491 Datasheet HTML 7Page - Panasonic Semiconductor AN5491 Datasheet HTML 8Page - Panasonic Semiconductor AN5491 Datasheet HTML 9Page - Panasonic Semiconductor AN5491 Datasheet HTML 10Page - Panasonic Semiconductor AN5491 Datasheet HTML 11Page - Panasonic Semiconductor AN5491 Datasheet HTML 12Page - Panasonic Semiconductor AN5491 Datasheet HTML 13Page - Panasonic Semiconductor AN5491 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AN5491K
ICs for TV
10
s Terminal Equivalent Circuits (continued)
Pin No.
Equivalent circuit
Description
Voltage
5
Comparator ref.:
DC
Reference voltage input pin for comparator
• Attach zener diode externally (approx. 6.2 V)
(Usable as reference voltage for hold-down)
6
Comparator:
DC
Input pin for comparator detection
• (Usable as pin for hold-down detection)
7
Comparator out:
DC
Comparator detection output pin
Normally:
• Connect pull-up resistors outside the IC.
High
(usable as hold-down control pin)
Note) Use under 400
µA or less.
8
BLK out:
DC
Blanking pulse output pin
At BLK: High
• Normally: Low
At BLK: High (5 V)
9
Upper side slice:
DC
Upper side slice voltage input pin for BLK
pulse generation
5
6.5 V
1 k
6
6.5 V
5
1 k
1 k
7
9 V
25 k
20 k
48.3 k
20 k
8
9 V
99.8 k
9
9 V
20 k
145
145
Upper side
BLK


Similar Part No. - AN5491

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN540 MICROCHIP-AN540 Datasheet
132Kb / 17P
   Implementing IIR Digital Filters
1993 - 1995
logo
List of Unclassifed Man...
AN5410 ETC2-AN5410 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5415 PANASONIC-AN5415 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
AN5416 PANASONIC-AN5416 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
logo
List of Unclassifed Man...
AN5416 ETC2-AN5416 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN5491

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
   Deflection distortion correction IC
AN5795NK PANASONIC-AN5795NK Datasheet
204Kb / 3P
   Deflection Signal Processing IC for CRT
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5435 PANASONIC-AN5435 Datasheet
285Kb / 3P
   Color TV Deflection-Signal Processing IC
AN5436N PANASONIC-AN5436N Datasheet
83Kb / 3P
   COLOR TV DEFLECTION SIGNAL PROCESSING IC
AN5437K PANASONIC-AN5437K Datasheet
335Kb / 4P
   Color TV Deflection Signal Processing IC
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
logo
National Semiconductor ...
TBA950 NSC-TBA950 Datasheet
126Kb / 4P
   Television signal Processing Circuit
logo
NXP Semiconductors
TCA270S PHILIPS-TCA270S Datasheet
270Kb / 8P
   TELEVISION SIGNAL PROCESSING CIRCUIT
January 1980
logo
Panasonic Semiconductor
AN5763 PANASONIC-AN5763 Datasheet
75Kb / 3P
   VERTICAL DEFLECTION SIGNAL PROCESSING AND OUTPUT IC FOR B/W TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com