Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-35 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-35
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-35 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-35 Datasheet HTML 1Page - PhaseLink Corporation PLL502-35 Datasheet HTML 2Page - PhaseLink Corporation PLL502-35 Datasheet HTML 3Page - PhaseLink Corporation PLL502-35 Datasheet HTML 4Page - PhaseLink Corporation PLL502-35 Datasheet HTML 5Page - PhaseLink Corporation PLL502-35 Datasheet HTML 6Page - PhaseLink Corporation PLL502-35 Datasheet HTML 7Page - PhaseLink Corporation PLL502-35 Datasheet HTML 8Page - PhaseLink Corporation PLL502-35 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 3
PIN DESCRIPTIONS PLL502-37/-39 (see previous page of PLL502-35/-38)
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
XIN
2
12
I
Crystal input. See Crystal Specification on page 4.
XOUT
3
13
I
Crystal output. See Crystal Specification on page 4.
OE
6
16
I
Output enable pin (see OE logic state table on page 1).
VCON
7
1
I
Voltage Control input.
GND
8,9,10,14
2,3,4,8
P
Ground.
CLKT
11
5
O
True output LVDS (PLL502-39)
(N/C for PLL502-37)
CLKC
13
7
O
Complementary output LVDS (PLL502-39)
(CMOS out for PLL502-37).
SEL0
16
10
I
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
14
I
Multiplier selector pins. These pins have an internal pull-up
that will default SEL to ‘1’ when not connected to GND.
VDD
1, 12
6,11
P
+3.3V power supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.


Similar Part No. - PLL502-35

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DC PLL-PLL502-30DC Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DI PLL-PLL502-30DI Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39UQC PLL-PLL502-39UQC Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
More results

Similar Description - PLL502-35

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com