Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-51OC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL502-51OC
Description  Low Phase Noise VCXO (20MHz to 52MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-51OC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL502-51OC Datasheet HTML 1Page - PhaseLink Corporation PLL502-51OC Datasheet HTML 2Page - PhaseLink Corporation PLL502-51OC Datasheet HTML 3Page - PhaseLink Corporation PLL502-51OC Datasheet HTML 4Page - PhaseLink Corporation PLL502-51OC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL502-51
Low Phase Noise VCXO (20MHz to 52MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/05 Page 5
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-51 H X C X R
Order Number
Marking
Package Option
PLL502-51OC
P502-51OC
TSSOP – Tube
PLL502-51OC-R
P502-51OC
TSSOP - Tape and Reel
PLL502-51OCL
P502-51OCL
TSSOP – Tube, GREEN
PLL502-51OCL-R
P502-51OCL
TSSOP - Tape and Reel, GREEN
PLL502-51HOC
P502-51HOC
TSSOP – Tube
PLL502-51HOC-R
P502-51HOC
TSSOP - Tape and Reel
PLL502-51HOCL
P502-51HOCL
TSSOP – Tube, GREEN
PLL502-51HOCL-R
P502-51HOCL
TSSOP - Tape and Reel, GREEN
PLL502-51SC
P502-51SC
SOIC - Tube
PLL502-51SC-R
P502-51SC
SOIC - Tape and Reel
PLL502-51SCL
P502-51SCL
SOIC – Tube, GREEN
PLL502-51SCL-R
P502-51SCL
SOIC - Tape and Reel, GREEN
PLL502-51HSC
P502-51HSC
SOIC - Tube
PLL502-51HSC-R
P502-51HSC
SOIC - Tape and Reel
PLL502-51HSCL
P502-51HSCL
SOIC – Tube, GREEN
PLL502-51HSCL-R
P502-51HSCL
SOIC - Tape and Reel, GREEN
Optional High Drive
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
O=TSSOP
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL


Similar Part No. - PLL502-51OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-50 PLL-PLL502-50 Datasheet
181Kb / 4P
   VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
PLL502-50DC PLL-PLL502-50DC Datasheet
181Kb / 4P
   VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
PLL502-50DI PLL-PLL502-50DI Datasheet
181Kb / 4P
   VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
PLL502-52HOC PLL-PLL502-52HOC Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
More results

Similar Description - PLL502-51OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0251 ABRACON-ABV0251 Datasheet
58Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
logo
PhaseLink Corporation
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
Abracon Corporation
ABV0252 ABRACON-ABV0252 Datasheet
58Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
PhaseLink Corporation
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com