Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9169-37CX Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9169-37CX
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-37CX Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9169-37CX Datasheet HTML 4Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 5Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 6Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 7Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 8Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 9Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 10Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 11Page - Richtek Technology Corporation RT9169-37CX Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary
RT9169
DS9169-02 October 2001
www.richtek-ic.com.tw
9
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.397
1.600
0.055
0.063
b
0.356
0.483
0.014
0.019
B
2.388
2.591
0.094
0.102
b1
0.406
0.533
0.016
0.021
C
--
4.242
--
0.167
C1
0.787
1.194
0.031
0.047
D
4.394
4.597
0.173
0.181
D1
1.397
1.753
0.055
0.069
e
1.448
1.549
0.057
0.061
H
0.381
0.432
0.015
0.017
3-Lead SOT-89 Surface Mount
D
D1
C
C1
B
e
e
A
b
b1
b
A
H


Similar Part No. - RT9169-37CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-30GV RICHTEK-RT9169-30GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-30GX RICHTEK-RT9169-30GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-30PB RICHTEK-RT9169-30PB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-30PV RICHTEK-RT9169-30PV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-30PVL RICHTEK-RT9169-30PVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-37CX

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com