Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2532DQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2532DQ
Description  0.4-ohm Low-Voltage Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2532DQ Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2532DQ Datasheet HTML 1Page - Vishay Siliconix DG2532DQ Datasheet HTML 2Page - Vishay Siliconix DG2532DQ Datasheet HTML 3Page - Vishay Siliconix DG2532DQ Datasheet HTML 4Page - Vishay Siliconix DG2532DQ Datasheet HTML 5Page - Vishay Siliconix DG2532DQ Datasheet HTML 6Page - Vishay Siliconix DG2532DQ Datasheet HTML 7Page - Vishay Siliconix DG2532DQ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 72742
S-60005–Rev. B, 16-Jan-06
www.vishay.com
3
Vishay Siliconix
DG2531/DG2532
New Product
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.5 V or 1.4 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2.0 V, RL = 50 Ω, CL = 35 pF
Room
Full
40
70
77
ns
Turn-Off Time
tOFF
Room
Full
35
65
72
Break-Before-Make Time
td
Room
14
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 1.5 V, RGEN = 0 Ω
Room
54
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 100 kHz
Room
- 69
dB
Crosstalkd
XTALK
Room
- 69
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
143
pF
Channel-On Capacitanced
CNO(on)
CNC(on)
Room
403
Power Supply
Power Supply Range
V+
1.8
5.5
V
Power Supply Current
I+
VIN = 0 or V+
Full
1.0
µA


Similar Part No. - DG2532DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2532DQ-T1-E3 VISHAY-DG2532DQ-T1-E3 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
More results

Similar Description - DG2532DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157_14 Datasheet
122Kb / 8P
   Ultra-Low 0.4 ohm SPDT Analog Switch
February, 2014 ??Rev. 2
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Pericom Semiconductor C...
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com