Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8761 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8761
Description  Low-Cost, Linear-Regulator LCD Panel Power Supplies
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8761 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8761 Datasheet HTML 1Page - Maxim Integrated Products MAX8761 Datasheet HTML 2Page - Maxim Integrated Products MAX8761 Datasheet HTML 3Page - Maxim Integrated Products MAX8761 Datasheet HTML 4Page - Maxim Integrated Products MAX8761 Datasheet HTML 5Page - Maxim Integrated Products MAX8761 Datasheet HTML 6Page - Maxim Integrated Products MAX8761 Datasheet HTML 7Page - Maxim Integrated Products MAX8761 Datasheet HTML 8Page - Maxim Integrated Products MAX8761 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Low-Cost, Linear-Regulator
LCD Panel Power Supplies
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0°C to +85°C. Typical values are at TA =
+25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFBN = 350mV
3
6
DRVN n-Channel On-Resistance
VFBN = 150mV
20
k
FBN Fault Trip Level
Rising edge
700
mV
Negative Charge-Pump Soft-Start
Period
2
12 oscillator clock cycles in a 7-bit DAC
2.73
ms
SEQUENCE CONTROL
SHDN Input Low Voltage
0.6
V
SHDN Input High Voltage
2.0
V
SHDN Input Current
1µA
DLP Capacitor Charge Current
During startup, VDLP = 1.0V
4
5
6
µA
DLP Turn-On Threshold
2.375
2.5
2.625
V
SHDN = low or fault tripped; DLP, FBP, FBN to GND
10
Pin Discharge Switch On-Resistance
SHDN = low or fault tripped;
MODE, OUTL, OUTB to GND
MAX8710, SHDN = low or fault trip; GON to GND
1k
POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES (MAX8710/MAX8761)
CTL Input Low Voltage
0.6
V
CTL Input High Voltage
2.0
V
CTL Input Leakage Current
-1
+1
µA
CTL to GON Rising Propagation
Delay
VMODE = VREF, 1.5nF from GON to GND, VCTL = 0 to
3V step, no load on GON, measured from VCTL = 1.5V
to GON = 20%
100
ns
CTL to GON Falling Propagation
Delay
VMODE = VREF, 1.5nF from GON to GND, VCTL = 3V to
0 step, DRN falling, no load on DRN and GON,
measured from VCTL = 1.5V to GON = 80%
100
ns
SRC Input Voltage Range
28
V
SRC Input Current
VMODE = VREF, VDLP = 3V, CTL = high
150
250
µA
DRN Input Current
VMODE = VREF, VDRN = 8V, VDLP = 3V, VCTL = 0V
26
40
µA
SRC Switch On-Resistance
VMODE = VREF, VDLP = 3V, CTL = high
20
40
DRN Switch On-Resistance
VMODE = VREF, VDLP = 3V, VCTL = 0V
60
MODE Switch On-Resistance
1k
Mode 2 MODE Capacitor Charge
Current
VMODE < MODE current-source stop voltage threshold
42
50
64
µA
MODE Voltage Threshold for
Enabling DRN Switch Control in
Mode 2
2.3
2.5
2.7
V
MODE Current-Source Stop Voltage
Threshold
VMODE rising, CMODE = 150pF
3.3
3.5
3.7
V
THR to GON Voltage Gain
9.4
10
10.6
V/V
GON Falling Slew Rate
13.5
V/µs


Similar Part No. - MAX8761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL++ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
More results

Similar Description - MAX8761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Semtech Corporation
TS14002 SEMTECH-TS14002 Datasheet
578Kb / 13P
   Ultra-Low-Power Linear Regulator
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
Maxim Integrated Produc...
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
   Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
logo
Renesas Technology Corp
TW8819 RENESAS-TW8819 Datasheet
155Kb / 2P
   Ultra Low Cost LCD Controller
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Intersil Corporation
TW8819 INTERSIL-TW8819 Datasheet
264Kb / 2P
   Ultra Low Cost LCD Controller
May 8, 2014
logo
Power-One
MAP30 POWER-ONE-MAP30_06 Datasheet
88Kb / 5P
   power supplies combines low cost and universal input
logo
List of Unclassifed Man...
TS14001 ETC2-TS14001 Datasheet
839Kb / 13P
   nanoSmart짰 Ultra-Low-Power Linear Regulator
logo
Advanced Monolithic Sys...
AMS500 ADMOS-AMS500_05 Datasheet
70Kb / 8P
   LOW COST 500mA REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com