Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9169-21CCB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9169-21CCB
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-21CCB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9169-21CCB Datasheet HTML 1Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 2Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 3Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 4Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 5Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 6Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 7Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 8Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9169
Preliminary
www.richtek-ic.com.tw
DS9169-02 October 2001
2
Marking Information
Part Number
Marking
RT9169-12CX
B1
RT9169-13CX
B2
RT9169-14CX
B3
RT9169-15CX
B4
RT9169-16CX
B5
RT9169-17CX
B6
RT9169-18CX
B7
RT9169-19CX
B8
RT9169-20CX
B9
RT9169-21CX
BA
RT9169-22CX
BB
RT9169-23CX
BC
RT9169-24CX
BD
RT9169-25CX
BE
RT9169-26CX
BF
RT9169-27CX
BG
RT9169-28CX
BH
RT9169-29CX
BJ
RT9169-30CX
BK
RT9169-31CX
BL
RT9169-32CX
BM
RT9169-33CX
BN
RT9169-34CX
BP
RT9169-35CX
BQ
RT9169-36CX
BR
RT9169-37CX
BS
RT9169-38CX
BT
RT9169-39CX
BU
RT9169-40CX
BV
RT9169-41CX
BW
RT9169-42CX
BX
RT9169-43CX
BY
RT9169-44CX
BZ
RT9169-45CX
C1
RT9169-46CX
C2
RT9169-47CX
C3
Part Number
Marking
RT9169-48CX
C4
RT9169-49CX
C5
RT9169-50CX
C6
RT9169-12CZL
RTD1
RT9169-13CZL
RTD2
RT9169-14CZL
RTD3
RT9169-15CZL
RTD4
RT9169-16CZL
RTD5
RT9169-17CZL
RTD6
RT9169-18CZL
RTD7
RT9169-19CZL
RTD8
RT9169-20CZL
RTD9
RT9169-21CZL
RTDA
RT9169-22CZL
RTDB
RT9169-23CZL
RTDC
RT9169-24CZL
RTDD
RT9169-25CZL
RTDE
RT9169-26CZL
RTDF
RT9169-27CZL
RTDG
RT9169-28CZL
RTDH
RT9169-29CZL
RTDJ
RT9169-30CZL
RTDK
RT9169-31CZL
RTDL
RT9169-32CZL
RTDM
RT9169-33CZL
RTDN
RT9169-34CZL
RTDP
RT9169-35CZL
RTDQ
RT9169-36CZL
RTDR
RT9169-37CZL
RTDS
RT9169-38CZL
RTDT
RT9169-39CZL
RTDU
RT9169-40CZL
RTDV
RT9169-41CZL
RTDW
RT9169-42CZL
RTDX
RT9169-43CZL
RTDY
RT9169-44CZL
RTDZ


Similar Part No. - RT9169-21CCB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-20PB RICHTEK-RT9169-20PB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-24PX RICHTEK-RT9169-24PX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PB RICHTEK-RT9169-25PB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PV RICHTEK-RT9169-25PV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PVL RICHTEK-RT9169-25PVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-21CCB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com