Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8761ETG+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8761ETG+
Description  Low-Cost, Linear-Regulator LCD Panel Power Supplies
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8761ETG+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8761ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX8761ETG+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Low-Cost, Linear-Regulator
LCD Panel Power Supplies
_______________________________________________________________________________________
7
MAX8761
LINEAR-REGULATOR LOAD REGULATION
0
100
200
300
400
500
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
LOAD CURRENT (mA)
VOUTL = 10V
VINL = 12V
MAX8710/MAX8711/MAX8712 LINEAR-
REGULATOR LOAD TRANSIENT RESPONSE
MAX8710/11/12/61 toc05
20
µs/div
A
10V
B
0mA
A: VOUTL, 50mV/div, AC-COUPLED
B: IOUTL, 200mA/div
MAX8761 LINEAR-REGULATOR LOAD
TRANSIENT RESPONSE
MAX8710/11/12/61 toc06
40
µs
A
B
A: IOUTL, 200mA/div
B: VOUTL, AC-COUPLED, 20mV/div
MAX8710/MAX8711/MAX8712 LINEAR-
REGULATOR PULSED LOAD-TRANSIENT
RESPONSE
MAX8710/11/12/61 toc07
4
µs/div
A
10V
B
0mA
A: VOUTL, 100mV/div, AC-COUPLED
B: IOUTL, 500mA/div
MAX8761 LINEAR-REGULATOR
PULSED LOAD TRANSIENT RESPONSE
MAX8710/11/12/61 toc08
10
µs
A
B
A: IOUTL, 500mA/div
B: VOUTL, AC-COUPLED, 100mV/div
MAX8710/MAX8711/MAX8712 LINEAR-
REGULATOR OVERCURRENT PROTECTION
MAX8710/11/12/61 toc09
10ms/div
A
0V
B
0mA
A: VOUTL, 5V/div
B: IOUTL, 500mA/div
MAX8710/11/12/61 toc10
10
µs
A
B
A: VOUTL, 5V/div
B: IOUTL, 500mA/div
MAX8761 LINEAR REGULATOR
OVERCURRENT PROTECTION
CHARGE-PUMP NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
13
12
11
10
9
1.6
1.7
1.8
1.9
2.0
1.5
814
POSITIVE CHARGE-PUMP LOAD
REGULATION
LOAD CURRENT (mA)
40
20
30
10
-1.5
-1.0
-0.5
0
0.5
-2.0
050
INPUT = 12V
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = VINL = VSUPCP = 12V, VOUTL = VSUPB = 10V, VSRC = 27V, TA = 0°C to +85°C. Typical values are at TA =
+25°C, unless otherwise noted.)


Similar Part No. - MAX8761ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL++ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
More results

Similar Description - MAX8761ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Semtech Corporation
TS14002 SEMTECH-TS14002 Datasheet
578Kb / 13P
   Ultra-Low-Power Linear Regulator
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
Maxim Integrated Produc...
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
   Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
logo
Renesas Technology Corp
TW8819 RENESAS-TW8819 Datasheet
155Kb / 2P
   Ultra Low Cost LCD Controller
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Intersil Corporation
TW8819 INTERSIL-TW8819 Datasheet
264Kb / 2P
   Ultra Low Cost LCD Controller
May 8, 2014
logo
Power-One
MAP30 POWER-ONE-MAP30_06 Datasheet
88Kb / 5P
   power supplies combines low cost and universal input
logo
List of Unclassifed Man...
TS14001 ETC2-TS14001 Datasheet
839Kb / 13P
   nanoSmart짰 Ultra-Low-Power Linear Regulator
logo
Advanced Monolithic Sys...
AMS500 ADMOS-AMS500_05 Datasheet
70Kb / 8P
   LOW COST 500mA REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com