Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1493-17 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1493-17
Description  Clock Synthesizer for Portable Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1493-17 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1493-17 Datasheet HTML 1Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 2Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 3Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 4Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 5Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 6Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 7Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 8Page - Integrated Circuit Systems ICS1493-17 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
4
Revision 101005
Integr ated Circuit System s
525 Ra ce Stree t, Sa n Jose, CA 951 26 te l (4 08) 297 -1201 www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS1493-17. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 1.8 V -0.1 V/+0.2 V, VDDO=2.5 V ±5%, Ambient Temp -10
°C to +80°C
Item
Rating
Supply Voltage, VDD
-0.5 V to 5 V
All Inputs
-0.5 V to VDD+0.5 V
All Outputs
-0.5 V to 2.5V+0.5 V
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
ESD (HBM)
2000V min.
MSL (Moisture Sensitivity Level)
3
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-10
+80
°C
Power Supply Voltage (measured in respect to GND)
+1.70
+2.00
V
Output Power Supply Voltage (with respect to GND)
+1.71
+2.625
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.7
2.0
V
Supply Current
IDD
No load,VDDO=2.5 V
13
16
mA
No load,VDDO=1.8 V
11
15
mA
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.3VDD
V
Output High Voltage
VOH
IOH = -2 mA
0.8VDDO
V
Output Low Voltage
VOL
IOL = +2 mA
0.2VDDO
V
Input Capacitance, inputs
CIN
5pF
Load Capacitance, X1 and X2
CL
No internal load
capacitance
5pF


Similar Part No. - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results

Similar Description - ICS1493-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Texas Instruments
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP TM Systems
logo
Renesas Technology Corp
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
   MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
   Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com