Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5693K Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN5693K
Description  Luminance,Chroma and Sync. Signals Processing ICwith Built-in I2Cbus Interfacefor PAL/NTSC Color-TV
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5693K Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN5693K Datasheet HTML 6Page - Panasonic Semiconductor AN5693K Datasheet HTML 7Page - Panasonic Semiconductor AN5693K Datasheet HTML 8Page - Panasonic Semiconductor AN5693K Datasheet HTML 9Page - Panasonic Semiconductor AN5693K Datasheet HTML 10Page - Panasonic Semiconductor AN5693K Datasheet HTML 11Page - Panasonic Semiconductor AN5693K Datasheet HTML 12Page - Panasonic Semiconductor AN5693K Datasheet HTML 13Page - Panasonic Semiconductor AN5693K Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
AN5693K
ICs for TV
s Electrical Characteristics at Ta = 25 °C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Synchronizing signal processing(continued)
Shut down operating
V43L
Pin43 minimum voltage when H-out does 0.60
0.68
0.76
V
not appear
Vertical frequency
f50
Vertical input freq.when the DC level at
47
55
Hz
detection operation(50 Hz)
Pin45
= "L"(< 0.5 V)
Vertical frequency
f60
Vertical input freq. when the DC level at
57
63
Hz
detection operation(60 Hz)
Pin45
= "H"(> 4.5 V)
Sync. separation input clamp
V33
V33 clamp voltage
1.0
1.3
1.6
V
voltage(Vertical)
Sync. separation input clamp
V34
V34 clamp voltage
1.0
1.3
1.6
V
voltage(Horizontal)
Horizontal output start voltage
VfHS
Minimum V38 when horizontal output is
3.4
4.2
5.0
V
above 1 VPP,fo > 10 kHz
I2C interface
Sinking current at ACK
IACK
When ACK,Pin21 pin current with 2.2 k
Ω 1.8
2.5
5.0
mA
pull-up to 5 V
SCL,SDA signal input high
VIHI
3.1
5.0
V
level
SCL,SDA signal input low
VILO
0
0.9
V
level
Input possible maximum
fImax
100

Kbit/s
frequency
• Reference data for design
Note) The characteristic values below are theoretical values for designing and not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Video signal processing (VWB = 0.42 VOP) Input 0.6 VPP stair step. Measure at G-out
Y signal delay time
tDL
Measure output's delay time with input
620
690
760
ns
(PAL
= 4.43 MHz)
Black level correction 1
VBLC1
All black input. Find the diff.of G-out when
−100
0
+100
mV
Pin30 is 9 V & open
Black level correction 2
VBLC2
All black input. Find the diff.of G-out when
500
800
1100
mV
Pin30 is 3 V & 9 V
Black level correction 3
VBLC3
Input : About 20 IRE the diff.of G-out when
100
300
500
mV
Pin30 is open & 9 V
Contrast variation with
∆V
CS
Y-out output level difference when
−300
0
+300
mV
sharpness
sharpness
= max. to min.
Brightness variation with
∆V
BS
Pedestal DC level difference when
−250
0
+250
mV
sharpness
sharpness
= max. to min.


Similar Part No. - AN5693K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
More results

Similar Description - AN5693K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com