Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1493K-17LFT Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1493K-17LFT
Description  Clock Synthesizer for Portable Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1493K-17LFT Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1493K-17LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 10Page - Integrated Circuit Systems ICS1493K-17LFT Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Clock Synthesizer for Portable Systems
MDS 1493-17 A
8
Revision 101005
Integr ated Circuit System s
525 Ra ce Stree t, Sa n Jose, CA 951 26 te l (4 08) 297 -1201 www.icst.com
ICS1493-17
PRELIMINAR Y INFORMA T ION
.
Byte 0: Vendor ID, Revision Code
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command code — 8 bit
‘10000000’ stands for byte operation,
bits[1:0] of the command code represents
the offset of the byte to be accessed
11:18
Command code — 8 bit
‘10000000’ stands for byte operation, bits[1:0]
of the command code represents the offset of
the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master— 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address — 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave — 8 bits
38
Not Acknowledge from master
39
Stop
Bit
@Pup
Name
Description
7
0
Revision Code(MSB)
Revision Code
6
0
Revision Code
Revision Code
5
0
Revision Code
Revision Code
4
1
Revision Code(LSB)
Revision Code
3
1
Vendor ID(MSB)
Vendor ID
2
1
Vendor ID
Vendor ID
1
1
Vendor ID
Vendor ID
0
1
Vendor ID(LSB)
Vendor ID


Similar Part No. - ICS1493K-17LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493K-17LFT RENESAS-ICS1493K-17LFT Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
More results

Similar Description - ICS1493K-17LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1493-17 RENESAS-ICS1493-17 Datasheet
413Kb / 13P
   CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
Mar 2020
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
MK3234 ICST-MK3234 Datasheet
67Kb / 4P
   Portable System Clock Synthesizer
logo
Texas Instruments
CDCDLP223 TI1-CDCDLP223_15 Datasheet
528Kb / 10P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223_07 Datasheet
205Kb / 9P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP Systems
CDCDLP223 TI-CDCDLP223 Datasheet
147Kb / 7P
[Old version datasheet]   3.3 V Clock Synthesizer for DLP TM Systems
logo
Renesas Technology Corp
9TCS1085 RENESAS-9TCS1085 Datasheet
682Kb / 39P
   MOBILE ACCESS™—CLOCK SYNTHESIZER, TEMPERATURE SENSOR, & PWM FAN CONTROLLER FOR PORTABLE DEVICES
REV 0.7 012012
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
   Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com