Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F1611 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MX29F1611
Description  16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX29F1611 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MX29F1611 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX29F1611 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
P/N: PM0440
REV. 1.6, JUL. 16, 1998
MX29F1611
Mode
Notes
CE
OE
WE
A0
A1
A9
Q0-Q7
Q8-Q14
Q15/A-1
Read
1
VIL
VIL
VIH
X
X
X
DOUT
DOUT
VIL/VIH
OutputDisable
1
VIL
VIH
VIH
X
X
X
HighZ
HighZX
Standby
1
VIH
X
X
X
X
X
HighZ
HIghZX
DeepPower-Down
1
X
X
X
X
X
X
HighZ
HighZX
ManufacturerID
2,4
VIL
VIL
VIH
VIL
VIL
VID
C2H
HighZ
VIL
DeviceID
2,4
VIL
VIL
VIH
VIH
VIL
VID
F7H
HighZ
VIL
Write
1,3
VIL
VIH
VIL
X
X
X
DIN
HighZ
VIL/VIH
Mode
Notes
CE
OE
WE
A0
A1
A9
Q0-Q7
Q8-Q14
Q15/A-1
Read
1
VIL
VIL
VIH
X
X
X
DOUT
DOUT
DOUT
OutputDisable
1
VIL
VIH
VIH
X
X
X
HighZ
HighZ
HighZ
Standby
1
VIH
X
X
X
X
X
HighZ
HIghZ
HighZ
DeepPower-Down
1
X
X
X
X
X
X
HighZ
HighZ
HighZ
ManufacturerID
2,4
VIL
VIL
VIH
VIL
VIL
VID
C2H
00H
0B
DeviceID
2,4
VIL
VIL
VIH
VIH
VIL
VID
F7H
00H
0B
Write
1,3
VIL
VIH
VIL
X
X
X
DIN
DIN
DIN
Table 2.1 Bus Operations for Word-Wide Mode (BYTE = VIH)
Table2.2 Bus Operations for Byte-Wide Mode (BYTE = VIL)
BUS OPERATION
Flash memory reads, erases and writes in-system via the local CPU . All bus cycles to or from the flash memory conform
to standard microprocessor bus cycles.
NOTES :
1.X can be VIH or VIL for address or control pins.
2. A0 and A1 at VIL provide manufacturer ID codes. A0 at VIH and A1 at VIL provide device ID codes. A0 at VIL, A1 at VIH and with appropriate
sector addresses provide Sector Protect Code.(Refer to Table 4)
3. Commands for different Erase operations, Data program operations or Sector Protect operations can only be successfully completed through
proper command sequence.
4. VID = 11.5V- 12.5V.
5. Q15/A-1 = VIL, Q0 - Q7 =D0-D7 out . Q15/A-1 = VIH, Q0 - Q7 = D8 -D15 out.
INDEX


Similar Part No. - MX29F1611

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1610 MCNIX-MX29F1610 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-10 MCNIX-MX29F1610A-10 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-12 MCNIX-MX29F1610A-12 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-90 MCNIX-MX29F1610A-90 Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results

Similar Description - MX29F1611

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29L1611 MCNIX-MX29L1611 Datasheet
659Kb / 39P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29L1611G MCNIX-MX29L1611G Datasheet
380Kb / 34P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
logo
Alliance Semiconductor ...
AS29LV160 ALSC-AS29LV160 Datasheet
561Kb / 29P
   3W 2M x 8 / 1M x 16 - CMOS Flash EEPROM
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com