Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5025AL6 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # WF5025AL6
Description  Crystal Oscillator Module ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5025AL6 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  WF5025AL6 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5025AL6 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
WF5025 series
NIPPON PRECISION CIRCUITS INC.—1
Crystal Oscillator Module ICs
OVERVIEW
The WF5025 series are miniature crystal oscillator module ICs. They feature a damping resistor RD matched to
the crystal's characteristics to reduce crystal current. The pad layout is arranged for flip chip mounting, which
gives the pattern design more flexibility, even for mounting ultra-miniature crystal oscillators that provide
almost no space for wiring patterns. They support fundamental oscillation and 3rd overtone oscillation modes.
The WF5025 series can be used to correspond to wide range of applications.
FEATURES
I
Pad layout optimized for flip chip mounting
I
Miniature-crystal matched oscillator characteristics
I
Operating supply voltage range
• 2.5V operation: 2.25 to 2.75V
• 3.0V operation: 2.7 to 3.6V
I
Recommended operating frequency range
• For fundamental oscillator
- WF5025AL
×: 20MHz to 50MHz
- WF5025BL1: 20MHz to 100MHz
• For 3rd overtone oscillator
- WF5025ML
×: 70MHz to 133MHz
I
−40 to 85°C operating temperature range
I
Oscillator capacitor with excellent frequency char-
acteristics built-in
I
Oscillator circuit with damping resistor RD built-
in for reduced crystal current
I
Standby function
• High impedance in standby mode, oscillator
stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
Oscillation detector function
I
Frequency divider built-in (WF5025AL
×)
• varies with version: fO, fO/2, fO/4, fO/8, fO/16,
fO/32
I
CMOS output duty level (1/2VDD)
I
50 ± 5% output duty @ 1/2VDD
I
30pF output load
I
Molybdenum-gate CMOS process
SERIES CONFIGURATION
Note. These versions in parentheses ( ) are under development. Please ask our Sales & Marketing section for further detail.
ORDERING INFORMATION
Version
Operating
supply voltage
[V]
Oscillation
mode
Recommended
operating frequency
range (fundamental
oscillation)*1 [MHz]
*1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscil-
lator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Output
current
(VDD = 2.5V)
[mA]
Output
frequency
Output duty
level
Standby mode
Oscillator
stop
function
Output state
WF5025AL1
2.25 to 3.6
Fundamental
20 to 50
4
fO
CMOS
Yes
Hi-Z
WF5025AL2
fO/2
WF5025AL3
fO/4
WF5025AL4
fO/8
WF5025AL5
fO/16
WF5025AL6
fO/32
WF5025BL1*2
*2. The WF5025BL1 has a higher maximum operating frequency, hence the negative resistance is also larger than in the WF5025AL
× devices.
2.25 to 3.6
Fundamental
20 to 100
8
fO
CMOS
Yes
Hi-Z
WF5025MLA
2.25 to 3.6
3rd overtone
70 to 80
8fO
CMOS
Yes
Hi-Z
(WF5025MLB)
80 to 100
WF5025MLC
90 to 133
Device
Package
WF5025
×××–3
Wafer form


Similar Part No. - WF5025AL6

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5027 NPC-WF5027 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A1-4 NPC-WF5027A1-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A2-4 NPC-WF5027A2-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A3-4 NPC-WF5027A3-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A4-4 NPC-WF5027A4-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5025AL6

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com