Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5025BL1 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # WF5025BL1
Description  Crystal Oscillator Module ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5025BL1 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  WF5025BL1 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5025BL1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
WF5025 series
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT
(Unit:
µm)
PIN DESCRIPTION and PAD DIMENSIONS
Chip size: 0.75
× 0.85mm
Chip thickness: 180 ± 20µm
PAD size: 90µm
Chip base: VDD level
Name
I/O
Description
Pad dimensions [µm]
XY
INHN
I
Output state control input. High impedance when LOW (oscillator stops).
Power-saving pull-up resistor built-in.
144.6
413.4
XT
I
Amplifier input
Crystal connection pins.
Crystal is connected between XT and XTN.
171.0
144.6
XTN
O
Amplifier output
579.0
144.6
VDD
Supply voltage
618.2
438.6
QO
Output. Output frequency determined by internal circuit to one of fO, fO/2, fO/4, fO/8, fO/16,
fO/32. High impedance in standby mode
618.2
705.4
VSS
Ground
131.8
718.2
Q
VDD
XTN
VSS
(0,0)
(750,850)
X
Y
INHN
XT
NPC


Similar Part No. - WF5025BL1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5027 NPC-WF5027 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A1-4 NPC-WF5027A1-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A2-4 NPC-WF5027A2-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A3-4 NPC-WF5027A3-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
WF5027A4-4 NPC-WF5027A4-4 Datasheet
815Kb / 21P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5025BL1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com