Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS162835 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS162835
Description  18-Bit 3.3V Registered Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS162835 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS162835 Datasheet HTML 1Page - Integrated Circuit Systems ICS162835 Datasheet HTML 2Page - Integrated Circuit Systems ICS162835 Datasheet HTML 3Page - Integrated Circuit Systems ICS162835 Datasheet HTML 4Page - Integrated Circuit Systems ICS162835 Datasheet HTML 5Page - Integrated Circuit Systems ICS162835 Datasheet HTML 6Page - Integrated Circuit Systems ICS162835 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS162835
Advance Information
0713—09/23/02
5
IN PUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OU TPUT 1
OU TPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPH L2 - tPHL1
LOW -H IGH -LOW
PU LSE
H IGH -LOW -H IGH
PU LSE
VT
tW
VT
CONTROL
IN PUT
tPLZ
0V
OU TPU T
NORM ALLY
LOW
tPZH
0V
SW ITCH
CLO SE D
OU TPU T
NORM ALLY
HIGH
EN ABLE
DISABLE
SW ITCH
OPEN
tPHZ
0V
VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VHZ
NOTES:
Switching Waveforms
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
ENABLE AND DISABLE TIMES
OUTPUT SKEW - tSK(X)
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
PULSE WIDTH
An
CK
Yn
tPLH
tPHL
VIH
VIL
VIH
VIL
VOH
VOL
An
CK
Yn
tS
tS
VIH
VIH
VIL
VIH
VIL
VOH
VOL
An
CK
Yn
tH
tH
VIH
VIL
VIH
VIL
VOH
VOL
HOLD TIME MEASUREMENTS
PROPAGATION DELAY MEASUREMENT
SETUP TIME MEASUREMENTS


Similar Part No. - ICS162835

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162834 ICST-ICS162834 Datasheet
73Kb / 7P
   18-Bit 3.3V Registered Buffer
ICS162834AG-T ICST-ICS162834AG-T Datasheet
73Kb / 7P
   18-Bit 3.3V Registered Buffer
More results

Similar Description - ICS162835

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162834 ICST-ICS162834 Datasheet
73Kb / 7P
   18-Bit 3.3V Registered Buffer
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com