Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS525R-07LF Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS525R-07LF
Description  LVCMOS User Configurable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525R-07LF Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS525R-07LF Datasheet HTML 1Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 2Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 3Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 4Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 5Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 6Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 7Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 8Page - Integrated Circuit Systems ICS525R-07LF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LVCMOS User Configurable Clock
MDS 525-07/08 A
7
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-07/08
PRELIMINARY INFORMATION
AC Electrical Characteristics
Unless stated otherwise, VDD = 1.8 V to 2.5 V
NOTE 1: Phase relationship between input and output can change at power-up.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Crystal input
5
27
MHz
Clock input
2
50
MHz
Output Frequency (ICS525-07)
FOUT
-40 to +85
°C10
200
MHz
Output Frequency (ICS525-08)
FOUT
-40 to +85
°C0.4
200
MHz
Output Clock Rise Time
20% to 80%
1
ns
Output Clock Fall Time
80% to 20%
1
ns
Output Clock Duty Cycle
at VDD/2
45
49 to 51
55
%
Power-down Time, PD low to
clocks stopped
50
ns
Power-up Time, PD high to
clocks stable
5ms
Absolute Clock Period Jitter,
VDD = 2.5 V
tja
Deviation from mean
ps
One Sigma Clock Period Jitter,
VDD = 2.5 V
tjs
One Sigma
ps
Absolute Clock Period Jitter,
VDD = 1.8 V
tja
Deviation from mean
ps
One Sigma Clock Period Jitter,
VDD = 1.8 V
tjs
One Sigma
ps


Similar Part No. - ICS525R-07LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525R-02I ICST-ICS525R-02I Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525R-02I ICST-ICS525R-02I Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILF ICST-ICS525R-02ILF Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILFT ICST-ICS525R-02ILFT Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02IT ICST-ICS525R-02IT Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
More results

Similar Description - ICS525R-07LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
logo
Integrated Circuit Syst...
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com