Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C256K16F0-30TI Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4C256K16F0-30TI
Description  5V 256K X 16 CMOS DRAM (Fast Page Mode)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256K16F0-30TI Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C256K16F0-30TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256K16F0-30TI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright © Alliance Semiconductor. All rights reserved.
AS4C256K16FO
4/11/01; V.0.9.1
Alliance Semiconductor
P. 1 of 25
5V 256K X 16 CMOS DRAM (Fast Page Mode)
®
Pin designation
Pin(s)
Description
A0 to A8
Address inputs
RAS
Row address strobe
I/O0 to I/O15
Input/output
OE
Output enable
UCAS
Column address strobe, upper byte
LCAS
Column address strobe, lower byte
WE
Read/write control
VCC
Power (+5V
± 10%)
GND
Ground
Features
• Organization: 262,144 words × 16 bits
• High speed
- 25/30/35/50 ns RAS access time
- 12/16/18/25 ns column address access time
- 7/10/10/10 ns CAS access time
• Low power consumption
- Active: 770 mW max (ASAS4C256K16FO-50)
- Standby: 5.5 mW max, CMOS I/O
•Fast page mode
• AS4C256K16FO-50 timings are also valid for
AS4C256K16FO-60.
•Refresh
- 512 refresh cycles, 8 ms refresh interval
-RAS-only or CAS-before-RAS refresh or self-refresh
- Self-refresh option is available for new generation
device only. Contact Alliance for more information.
• Read-modify-write
• TTL-compatible, three-state I/O
• JEDEC standard packages
- 400 mil, 40-pin SOJ
- 400 mil, 40/44-pin TSOP II
• Single 5V power supply/built-in Vbb generator
• Latch-up current > 200 mA
Pin arrangement
40
39
38
37
36
35
34
33
32
31
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
SOJ
30
29
28
27
26
25
24
23
22
21
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
GND
1
2
3
4
5
6
7
8
9
10
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
11
12
13
14
15
16
17
18
19
20
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
VSS
I/O15
I/O14
I/O13
I/O12
VSS
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
VSS
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
21
22
TSOP II
Selection guide
Symbol
–25
–30
–35
–50
Unit
Maximum RAS access time
tRAC
25
30
35
50
ns
Maximum column address
access time
tCAA
12
16
18
25
ns
Maximum CAS access time
tCAC
710
10
10
ns
Maximum output enable (OE)
access time
tOEA
710
10
10
ns
Minimum read or write cycle
time
tRC
40
65
70
85
ns
Minimum EDO page mode
cycle time
tPC
12
12
14
25
ns
Maximum operating current
ICC1
200
180
160
140
mA
Maximum CMOS standby
current
ICC2
2.0
2.0
2.0
2.0
mA


Similar Part No. - AS4C256K16F0-30TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
AS4C256K16E0-30 ALSC-AS4C256K16E0-30 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
AS4C256K16E0-30JC ALSC-AS4C256K16E0-30JC Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
AS4C256K16E0-35 ALSC-AS4C256K16E0-35 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
AS4C256K16E0-35JC ALSC-AS4C256K16E0-35JC Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
More results

Similar Description - AS4C256K16F0-30TI

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Sanyo Semicon Device
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
List of Unclassifed Man...
MT4C4256 ETC1-MT4C4256 Datasheet
632Kb / 13P
   256K X 4RAM(FAST PAGE MODE)
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com