Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS307G-03LF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS307G-03LF
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307G-03LF Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS307G-03LF Datasheet HTML 4Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 5Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 6Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 7Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 8Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 9Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 10Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 11Page - Integrated Circuit Systems ICS307G-03LF Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-03 C
8
Revision 101705
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297 -1 201 www.icst.com
ICS307-03
Initial Output Frequency
ICS307-03 on-chip registers are initially configured to provide a 1x output clock on the CLK1 output, and 0.5x clock
on CLK2 and CLK3. The output frequency will be the same as the input clock or crystal for input frequencies from
10 - 50 MHz. This is useful when the ICS307-03 needs to provide an initial system clock at power-up.
Determining and Controlling the Output Frequency with VersaClockTM II
The ICS307-03 is directly supported by the ICS provided software called VersaClock II. Complete programming
words for this device can be calculated on any Windows PC by running the VersaClock II software and simple
inputting desired input and output frequencies. Once the software generates an appropriate programming word, it
may then be either copied to the Windows clipboard or even directly programmed into the ICS307-03 via the host
computers parallel port.
For more information on VersaClock II, please visit www.icst.com or send an e-mail to ics-mk@icst.com.
Manually Determining the Output Frequency
The user has full control over the desired output frequency as long as it is operated within the limits shown in the
AC Electrical Characteristics.
The output of the ICS307-03 can be determined by the following equation:
Where:
VCO Divider (V) = 12 to 2055
Reference Divider Word (R) = 1 to 2055
Output Divider = values in tables 5, 6, 7
Also, the following operating ranges should be observed.
To determine the best combination of VCO, reference, and output dividers, please use the VersaClock II software
mentioned above. If more information is needed, please contact ICS by sending an e-mail to ics-mk@icst.com.
CLK1Frequency
InputFrequency
V
ROD
------------------
=
VCOmin InputFrequency V
R
---- VCOmaxfreq
<
<
20kHz Input Frequency
R
-------------------------------------------100MHz
<<


Similar Part No. - ICS307G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
ICS307-02 ICST-ICS307-02 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
More results

Similar Description - ICS307G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
   Serially Programmable Frequency Generator
2019
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
   Serially Programmable Frequency Generator
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com