Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS525-03 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS525-03
Description  PECL Input OSCaR-TM USER Configurable Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-03 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS525-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PECL Input OSCaR™ User Configurable Clock
MDS 525-03 H
5
Revision 010906
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-03
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS525-03. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Industrial
-40 to +85
°C
Storage Temperature
-65
°C to 150°C
Junction Temperature
125
°C
Soldering Temperature
260
°C (max. of 10 seconds)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Operating Supply Current
IDD
60 MHz out, no load
15
mA
Operating Supply Current,
LVPECL mode
IDD
With termination
resistors
35
mA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Peak-to-peak Input Voltage
PECLIN, PECLIN
0.3
1
V
Common Mode Range
PECLIN, PECLIN
VDD-1.4
VDD-0.6
Output High Voltage
VOH
IOH = -25 mA, CMOS
out
2.4
V
Output Low Voltage
VOL
IOL = 25 mA, CMOS
out
0.4
V
Short Circuit Current
CMOS out
±70
mA
Input Capacitance
CIN
V, R, S select pins
4
pF
On-chip Pull-up Resistor
RPU
V, R, S select pins
270
k


Similar Part No. - ICS525-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
More results

Similar Description - ICS525-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com