Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS525R-04IT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS525R-04IT
Description  OSCaR-TM User Configurable PECL Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525R-04IT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS525R-04IT Datasheet HTML 1Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 2Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 3Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 4Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 5Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 6Page - Integrated Circuit Systems ICS525R-04IT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS525-04
MDS 525-04 B
1
Revision 091802
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 295-9800 www.icst.com
OSCaRTM User Configurable PECL Clock
Description
The ICS525-04 OSCaRTM is the most flexible way to
generate a high quality, high frequency differential
PECL clock output from a crystal or CMOS clock input.
The name OSCaRTM stands for Oscillator
Replacement, as it is designed to replace crystal
oscillators in almost any electronic system. Users can
easily configure the device to produce nearly any
output frequency from any input frequency by
grounding or floating the select pins. Neither
microcontroller, software, nor device programmer are
needed to set the frequency. Using Phase Locked Loop
techniques, the device accepts a crystal or clock to
produce output clocks up to 156 MHz at 3.3V, keeping
them frequency locked together.
For simple multipliers to produce common frequencies,
refer to the LOCOTM family of parts, which are smaller
and more cost effective.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
For applications which require defined input to output
timing, use the ICS527-02.
Features
Packaged as 28 pin SSOP (150 mil body)
Highly accurate frequency generation
User determines the output frequency by setting all
internal dividers
Eliminates need for custom oscillators
No software needed
Pull-ups on select inputs
Input crystal frequency of 5 - 27 MHz
Input clock frequency of 2 - 50 MHz
Output clock frequencies up to 156 MHz at 3.3V
Output clock frequencies up to 200 MHz at 5V
Very low jitter
PECL levels set by external resistors
Operating voltage of 3.3V or 5V
Ideal for oscillator replacement
Industrial temperature version available
Advanced, low power CMOS process
Block Diagram
VDD
GND
2
2
PECL
PECL
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
9
73
R6:R0
V8:V0
S2:S0
RES
VDD
VDD
GND
GND
VDD
X1/ICLK
X2
Crystal or
clock input
Optional crystal capacitors
Crystal
Oscillator
560
82
820
82
820


Similar Part No. - ICS525R-04IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525R-02I ICST-ICS525R-02I Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525R-02I ICST-ICS525R-02I Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILF ICST-ICS525R-02ILF Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILFT ICST-ICS525R-02ILFT Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02IT ICST-ICS525R-02IT Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
More results

Similar Description - ICS525R-04IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com