Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-0421 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDMP-0421 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Pin Name
Pin
Pin Type
Pin Description
TO_NODE[0]+
20
O-PECL
In CDR at entry configuration, this pin is the Serial Output
(TO_LOOP+). In other configurations, this pin is wired to the hard disk.
TO_NODE[0]–
21
O-PECL
In CDR at entry configuration, this pin is the Serial Output
(TO_LOOP–). In other configurations, this pin is wired to the hard disk.
FM_NODE[1]+
02
I-PECL
Input from Transceiver IC to Cell 1.
FM_NODE[1]–
01
I-PECL
Input from Transceiver IC to Cell 1.
TO_NODE[1]+
05
O-PECL
Output to Transceiver IC from Cell 1.
TO_NODE[1]–
04
O-PECL
Output to Transceiver IC from Cell 1.
FM_NODE[0]+
23
I-PECL
In CDR at entry configuration, this pin is the Serial Input
(FM_LOOP+). In other configurations, this pin is wired to the hard disk.
FM_NODE[0]–
24
I-PECL
In CDR at entry configuration, this pin is the Serial Input
(FM_LOOP–). In other configurations, this pin is wired to the hard disk.
BYPASS[1]–
08
I-LVTTL
Bypass pin for cell 1. In CDR at exit configuration, float to HIGH else
ground connect through a 1 K
Ω resistor.
BYPASS[0]–
17
I-LVTTL
Bypass pin for cell 0. In CDR at exit configuration, float to HIGH else
ground connect through a 1 K
Ω resistor.
REFCLK
14
I-LVTTL
Reference Clock Input for Clock and Data Recovery (CDR) circuit.
CPLL1
12
C
PLL cap pin. Connected to pin 13 with a 0.1 microFarad capacitor.
CPLL0
13
C
PLL cap pin. Connected to pin 12 with a 0.1 microFarad capacitor.
SD[1]
09
O-LVTTL
Signal Detect via envelope detect method. In CDR at entry and at exit
SD[0]
16
cases, detects signal on incoming cable respectively. Active High when
signal is detected.
If (FM_NODE[0]+ –FM_NODE[0]–) >= 400 mV peak-to-peak, SD = 1
If 400 mV >= (FM_NODE[0]+ –FM_NODE[0]–) >= 100 mV,
SD = unpredictable
If 100 mV >= (FM_NODE[0]+ –FM_NODE[0]–), SD = 0
GND
S
6, 7, 11, 18, 19 Ground pins.
VCCA
15
S
Analog Power Supply pin.
VCCHS
03
S
Cell 1 High Speed Output Pins Power Supply.
22
S
Cell 0 High Speed Output Pins Power Supply.
VCC
10
S
Logic Power Supply pins.
Table 3. Pinout


Similar Part No. - HDMP-0421

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
   Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
More results

Similar Description - HDMP-0421

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
   Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Agilent(Hewlett-Packard...
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
   Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com